Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130910-I Datasheet (PDF) - METZ CONNECT GmbH

130910-I Datasheet PDF - METZ CONNECT GmbH
Part # 130910-I
Download  130910-I Download
File Size   2574.55 Kbytes
Page   7 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description Modul 19 inch module frame 1RU 24 Port light gray unequipped, shielded

130910-I Datasheet (PDF)

Go To PDF Page Download Datasheet
130910-I Datasheet PDF - METZ CONNECT GmbH

Part # 130910-I
Download  130910-I Click to download

File Size   2574.55 Kbytes
Page   7 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description Modul 19 inch module frame 1RU 24 Port light gray unequipped, shielded

130910-I Datasheet (HTML) - METZ CONNECT GmbH


130910-I Product details

Product specification
• 19 inch 1RU module frame for 24 individual modules, Modul design
• module frame front made of silver anodized aluminum
• plastic module support with dust protection covers (other colors available as accessory), detachable to the front
• integrated cable support with optional strain relief
• label window for enclosed identification labels
• label sheet 210 x 297 mm see accessory
• grounding bolt M6 x 10 with nut and lock washer
• incl. 30 cm grounding cable
• all fully shielded modules connected by means of grounding rail




Similar Part No. - 130910-I

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910-I METZ-130910-I Datasheet
1Mb / 12P
E-DAT modul Cat.6A 8(8) jack, T568A
2023/02/14 Version: BC
130910-I METZ-130910-I Datasheet
333Kb / 8P
REGplus IP20 E-DAT modul
2023/02/14 Version: AM
130910-I METZ-130910-I Datasheet
3Mb / 6P
Modul 19 inch module frame 1RU 24 port black unequipped, shielded
2022/07/14 Version: O
130910-I METZ-130910-I Datasheet
642Kb / 6P
Modul 19 inch module frame 1RU 24 port stainless steel unequipped
2022/07/14 Version: L
130910-I METZ-130910-I Datasheet
959Kb / 7P
E-DAT modul REG 1 port IP20 light gray
2023/01/13 Version: A
More results


Similar Description - 130910-I

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130861-0802-E METZ-130861-0802-E Datasheet
1Mb / 6P
Modul surface mount housing 8 port pure white, unequipped
2022/07/13 Version: Q
130920-00KE METZ-130920-00KE Datasheet
370Kb / 5P
Keystone 19 inch module frame 1RU 24 port light gray unequipped, shielded
2022/07/14 Version: P
130920-BK-E METZ-130920-BK-E Datasheet
3Mb / 6P
Modul 19 inch module frame 1RU 24 port black unequipped, shielded
2022/07/14 Version: O
130921-00-E METZ-130921-00-E Datasheet
642Kb / 6P
Modul 19 inch module frame 1RU 24 port stainless steel unequipped
2022/07/14 Version: L
1309426003-E METZ-1309426003-E Datasheet
959Kb / 7P
E-DAT modul REG 1 port IP20 light gray
2023/01/13 Version: A
1309426103-E METZ-1309426103-E Datasheet
244Kb / 5P
E-DAT modul REG unequipped IP20 light gray
2022/07/15 Version: O
1309427103-E METZ-1309427103-E Datasheet
245Kb / 6P
Modul REGplus IP20 light gray unequipped
2022/07/15 Version: Q
1309428103-E METZ-1309428103-E Datasheet
219Kb / 6P
Keystone REGplus IP20 light gray unequipped
2022/07/15 Version: O
130A21-00-E METZ-130A21-00-E Datasheet
2Mb / 5P
Keystone 19 inch module frame 1RU 24 port stainless steel unequipped
2022/12/16 Version: Q
130B11P0-E METZ-130B11P0-E Datasheet
438Kb / 8P
C6Amodul 24 port 180°M 1RU
2023/02/15 Version: Z
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com