Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14010950C0ME Datasheet (PDF) - METZ CONNECT GmbH

14010950C0ME Datasheet PDF - METZ CONNECT GmbH
Part # 14010950C0ME
Download  14010950C0ME Download
File Size   220.52 Kbytes
Page   8 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description E-DAT Industry RJ45 field plug insert Cat.6 Class EA

14010950C0ME Datasheet (PDF)

Go To PDF Page Download Datasheet
14010950C0ME Datasheet PDF - METZ CONNECT GmbH

Part # 14010950C0ME
Download  14010950C0ME Click to download

File Size   220.52 Kbytes
Page   8 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description E-DAT Industry RJ45 field plug insert Cat.6 Class EA

14010950C0ME Datasheet (HTML) - METZ CONNECT GmbH


14010950C0ME Product details

Product specification
• Cat.6 class EA plug to be assembled in the field and mounted in IP67 plug housings of variants 1, 4, 5 and 14
• compliance with class EA according to ISO/IEC 11801, DIN EN 50173-1
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus, UPoE and 4PPoE) and HDBaseT
• 8-wire RJ45 plug for AWG 22 to be assembled in the field
• connection of AWG 26/7 - 22/7, AWG 26/1 - 22/1 possible
• solid wire Cu conductor diameter 0.409 - 0.64 mm
• stranded copper wire diameter from 0.48 to 0.76 mm
• conductor diameter up to 1.6 mm
• cable jacket from 5.5 to 8.5 mm
• consists of only 2 parts
• easy assembly - connection without special tools
• zinc die-cast housing for industrial use
• can be used as test plug at IP67 end of variants 1, 4, 5, 6 and 14
• variants: T568A, T568B, Industry




Similar Part No. - 14010950C0ME

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
140109146000 WURTH-140109146000 Datasheet
1Mb / 12P
WL-OCPT Optocoupler Phototransistor
001.000
logo
PHOENIX CONTACT
1401093 PHOENIX-1401093 Datasheet
76Kb / 4P
Mini feed-through terminal block - MBK BU
1401096 PHOENIX-1401096 Datasheet
84Kb / 3P
Bus system plug connector - SACC-M12MSB-5CON-PG9 SH XL PB
1401097 PHOENIX-1401097 Datasheet
91Kb / 4P
Bus system connector - SACC-M12FSB-5CON-PG9 SH XL PB
More results


Similar Description - 14010950C0ME

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1132040000 WEIDMULLER-1132040000 Datasheet
341Kb / 6P
RJ45 IDC plug, Cat.6A / Class EA (ISO/IEC 11801 2010)
September 30, 2021
1132050000 WEIDMULLER-1132050000 Datasheet
341Kb / 6P
RJ45 IDC plug, Cat.6A / Class EA (ISO/IEC 11801 2010)
October 4, 2021
logo
METZ CONNECT GmbH
130906-03-E METZ-130906-03-E Datasheet
251Kb / 7P
E-DAT Industry IP67 V6 plug
2023/02/14 Version: AJ
1309A0-I METZ-1309A0-I Datasheet
3Mb / 9P
E-DAT modul coupler 8(8) 180° class EA
2022/12/16 Version: C
1309A1-I METZ-1309A1-I Datasheet
1Mb / 7P
E-DAT modul coupler 8(8) 90° class EA
2022/12/16 Version: AN
1401140012KE METZ-1401140012KE Datasheet
1Mb / 7P
E-DAT Industry IP67 V4 surface mount housing RJ45 field jack insert Cat.6 Class EA, T568A
2023/02/15 Version: AE
1401200810MI METZ-1401200810MI Datasheet
247Kb / 7P
E-DAT Industry RJ45 coupler insert Cat.6 Class E
2023/02/15 Version: AN
1401405012-I METZ-1401405012-I Datasheet
232Kb / 8P
E-DAT Industry RJ45 field plug black Cat.6 Class EA
2023/02/15 Version: AP
1401505012-E METZ-1401505012-E Datasheet
227Kb / 7P
E-DAT Industry RJ45 plug black Cat.6 Class EA
2023/02/15 Version: AF
1401810012KE METZ-1401810012KE Datasheet
1Mb / 6P
E-DAT Industry IP67 V1 surface mount housing RJ45 field jack insert Cat.6 Class EA, T568B
2023/02/15 Version: J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com