Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8A34046 Datasheet (PDF) - Renesas Technology Corp

8A34046 Datasheet PDF - Renesas Technology Corp
Part # 8A34046
Download  8A34046 Download
File Size   2281.04 Kbytes
Page   101 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SETS for SyncE and OTN

8A34046 Datasheet (PDF)

Go To PDF Page Download Datasheet
8A34046 Datasheet PDF - Renesas Technology Corp

Part # 8A34046
Download  8A34046 Click to download

File Size   2281.04 Kbytes
Page   101 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SETS for SyncE and OTN

8A34046 Datasheet (HTML) - Renesas Technology Corp


8A34046 Product details

Typical Applications
▪ Core and access IP switches / routers
▪ Synchronous Ethernet equipment
▪ 10Gb, 40Gb, and 100Gb Ethernet interfaces
▪ Wireless infrastructure for 4.5G and 5G network equipment
▪ OTN muxponders and line cards

Features
▪ Compliant with G.8262 option 1 and option 2, and G.8262.1
▪ Supports ITU-T G.709 frequencies
▪ Meets OTN jitter and wander requirements per ITU-T G.8251
▪ Four independent DPLL/DCO channels
• Each can act as a frequency synthesizer, jitter attenuator,
Digitally Controlled Oscillator (DCO), or Digital Phase Lock
Loop (DPLL)
• DPLL Digital Loop Filters (DLFs) are programmable with
cut-off frequencies from 0.1Hz to 22kHz
• Each DPLL generates an output frequency via a Fractional
Output Divider (FOD)
• Each FOD supports output phase tuning with 50ps
resolution
▪ Four independent DCO channels
• Each DCO generates an independent output frequency via a
Fractional Output Divider (FOD)
▪ DPLL/DCO and DCO channels can be configured as Satellite
Channels that increase the number of independently
programmable FODs and output stages available to other
DPLL/DCO or DCO channels




Similar Part No. - 8A34046

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 100P
SETS for SyncE and OTN
February 22, 2022
8A34046E-001 RENESAS-8A34046E-001 Datasheet
292Kb / 6P
8A3xxxx Family Custom Configuration
July 16, 2019
8A34046E-001AJG RENESAS-8A34046E-001AJG Datasheet
292Kb / 6P
8A3xxxx Family Custom Configuration
July 16, 2019
8A34046E-001AJG8 RENESAS-8A34046E-001AJG8 Datasheet
292Kb / 6P
8A3xxxx Family Custom Configuration
July 16, 2019
8A34046E-DDDNLG RENESAS-8A34046E-DDDNLG Datasheet
2Mb / 100P
SETS for SyncE and OTN
February 22, 2022
More results


Similar Description - 8A34046

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7625 SANYO-LA7625 Datasheet
88Kb / 6P
Video, Chroma and Deflection Circuit for Color Television Sets
logo
Integrated Circuit Syst...
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Rev 0.4
logo
List of Unclassifed Man...
STC4130 ETC2-STC4130 Datasheet
416Kb / 44P
Synchronous Clock for SETS
logo
Connor-Winfield Corpora...
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
Synchronous Clock for SETS
logo
AVAGO TECHNOLOGIES LIMI...
AVSP-1104 AVAGO-AVSP-1104 Datasheet
598Kb / 2P
10:4 Gearbox 100G Ethernet/OTN PHY IC for Backplane, Portside and Cable
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
Synchronous Clock for SETS
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
Synchronous Clock for SETS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com