Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSMP98100 Datasheet (PDF) - Vishay Siliconix

TSMP98100 Datasheet PDF - Vishay Siliconix
Part # TSMP98100
Download  TSMP98100 Download
File Size   174.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Sensor Module for Remote Control Systems

TSMP98100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSMP98100 Datasheet PDF - Vishay Siliconix

Part # TSMP98100
Download  TSMP98100 Click to download

File Size   174.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Sensor Module for Remote Control Systems

TSMP98100 Datasheet (HTML) - Vishay Siliconix


TSMP98100 Product details

DESCRIPTION
The TSMP98100 is a miniaturized sensor for receiving the
modulated signal of infrared remote control systems. A PIN
diode and preamplifier are assembled on a lead frame, the
epoxy package is designed as an IR filter. The modulated
output signal, carrier out, can be used for repeater
applications and code learning applications.
This component has not been qualified according to
automotive specifications.

FEATURES
• Photo detector and preamplifier in one package
• AC coupled response from 30 kHz to 60 kHz, all
data formats
• Improved shielding against electrical field
disturbance
• AGC to suppress ambient noise
• High sensitivity, long receiving range
• Supply voltage: 2.0 V to 5.5 V
• Carrier out signal for IR repeater applications
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - TSMP98100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMP98000 VISHAY-TSMP98000 Datasheet
165Kb / 5P
IR Sensor Module for Remote Control Systems
20-Oct-2022
TSMP98000 VISHAY-TSMP98000 Datasheet
165Kb / 5P
IR Sensor Module for Remote Control Systems
20-Oct-2022
TSMP98000 VISHAY-TSMP98000_V01 Datasheet
165Kb / 5P
IR Sensor Module for Remote Control Systems
20-Oct-2022
More results


Similar Description - TSMP98100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMP1138 VISHAY-TSMP1138 Datasheet
115Kb / 5P
IR Sensor Module for Remote Control Systems
08-Jan-13
TSMP58000 VISHAY-TSMP58000 Datasheet
109Kb / 5P
IR Sensor Module for Remote Control Systems
14-Mar-12
TSOP98260 VISHAY-TSOP98260 Datasheet
105Kb / 5P
IR Sensor Module for Remote Control Systems
28-Mar-12
TSMP4138 VISHAY-TSMP4138 Datasheet
96Kb / 4P
IR Sensor Module for Remote Control Systems
05-Feb-14
TSMP6000 VISHAY-TSMP6000 Datasheet
609Kb / 24P
IR Sensor Module for Remote Control Systems
14-Apr-16
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
IR Sensor Module for Remote Control Systems
05-Feb-14
TSMP77000 VISHAY-TSMP77000 Datasheet
258Kb / 10P
IR Sensor Module for Remote Control Systems
14-Apr-16
TSMP96000 VISHAY-TSMP96000 Datasheet
351Kb / 11P
IR Sensor Module for Remote Control Systems
20-Oct-2022
TSMP98000 VISHAY-TSMP98000 Datasheet
165Kb / 5P
IR Sensor Module for Remote Control Systems
20-Oct-2022
TSMP96000 VISHAY-TSMP96000_V01 Datasheet
351Kb / 11P
IR Sensor Module for Remote Control Systems
20-Oct-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com