Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSSP580 Datasheet (PDF) - Vishay Siliconix

TSSP580 Datasheet PDF - Vishay Siliconix
Part # TSSP580
Download  TSSP580 Download
File Size   168.05 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Receiver Module for Light Barrier Systems

TSSP580 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSP580 Datasheet PDF - Vishay Siliconix

Part # TSSP580
Download  TSSP580 Click to download

File Size   168.05 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Receiver Module for Light Barrier Systems

TSSP580 Datasheet (HTML) - Vishay Siliconix


TSSP580 Product details

DESCRIPTION
The TSSP580.. is a compact infrared detector module for
presence sensing applications. It receives 38 kHz
modulated signals and has a peak sensitivity of 940 nm.
This component has not been qualified according to
automotive specifications.

FEATURES
• Presence sensor: up to 2 m distance,
find more info at: www.vishay.com/doc?49009
• Light barrier: up to 12 m distance, TSAL6200
with IF = 50 mA,
find more info at: www.vishay.com/doc?49650
• Fast proximity: up to 2 m range at 5 ms
response time,
find more info at: www.vishay.com/doc?82741
• Supply voltage: 2.5 V to 5.5 V
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - TSSP580

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
IR Receiver Module for Light Barrier Systems
31-Aug-15
TSSP58038SS1XB VISHAY-TSSP58038SS1XB Datasheet
121Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Jan-16
More results


Similar Description - TSSP580

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
IR Receiver Module for Light Barrier Systems
28-Mar-12
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
IR Receiver Module for Light Barrier Systems
13-Mar-12
TSOP58038 VISHAY-TSOP58038 Datasheet
355Kb / 11P
IR Receiver Module for Light Barrier Systems
13-Aug-09
TSOP5038TR VISHAY-TSOP5038TR Datasheet
355Kb / 11P
IR Receiver Module for Light Barrier Systems
13-Aug-09
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
IR Receiver Module for Light Barrier Systems
31-Aug-15
TSSP58038SS1XB VISHAY-TSSP58038SS1XB Datasheet
121Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Jan-16
TSSP40SS1XB VISHAY-TSSP40SS1XB Datasheet
115Kb / 5P
IR Receiver Module for Light Barrier Systems
19-Oct-16
TSSP40SS1XB VISHAY-TSSP40SS1XB_V01 Datasheet
181Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Aug-2022
TSSP980 VISHAY-TSSP980 Datasheet
171Kb / 6P
IR Receiver Module for Light Barrier Systems
13-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com