Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V19N850D Datasheet (PDF) - Renesas Technology Corp

8V19N850D Datasheet PDF - Renesas Technology Corp
Part # 8V19N850D
Download  8V19N850D Download
File Size   3217.12 Kbytes
Page   175 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radio Unit Clock Synchronizer and Converter Clock Generator

8V19N850D Datasheet (PDF)

Go To PDF Page Download Datasheet
8V19N850D Datasheet PDF - Renesas Technology Corp

Part # 8V19N850D
Download  8V19N850D Click to download

File Size   3217.12 Kbytes
Page   175 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radio Unit Clock Synchronizer and Converter Clock Generator

8V19N850D Datasheet (HTML) - Renesas Technology Corp


8V19N850D Product details

Description
The 8V19N850 is a fully integrated Radio Unit Clock Synchronizer and
Converter Clock Generator designed as a high-performance clock
solution for phase/frequency synchronization and signal conditioning of
wireless base station radio equipment. The device supports
JESD204B/C subclass 0 and 1 device clocks and SYSREF
synchronization for converters.
The 8V19N850 supports two independent frequency domains: one that
can be used for the digital clock (Ethernet and FEC rates) domain with
four outputs, and the device clock (RF-PLL) domain with 12 outputs. The
Ethernet domain generates frequencies from two independent APLLs
for flexibility; the outputs of the RF clock domain generate very low
phase noise clocks for ADC/DAC circuits.
From the integrated RF-PLL, the device supports the clock generation of
high-frequency device clocks for driving ADC/DAC devices
low-frequency synchronization signals (SYSREF).
A dual DPLL front-end architecture supports any frequency translation.
Each DPLL provides a programmable bandwidth and a DCO function for
real-time frequency/phase adjustments. The DPLLs can lock on 1PPS
input signals and establish lock within 100s or less. Frequency
information can be applied from DPLL-0 to DPLL-1 and vice versa to
enable the combining of the frequency characteristics of two references
(combo-mode).
The 8V19N850 is configured through a pin-mapped I3CSM (including
legacy I2
C) and 3/4-wire SPI interface. I2
C with master capabilities
reads a default configuration from an external ROM device. GPIO ports
can be configured for reporting and controlling purposes.

Applications
▪ Wireless infrastructure 5G radio

Features
▪ High-performance radio clock synchronizer clock
— Device clock domain (RF-PLL) with support for JESD204B/C
— Digital clock domain (Ethernet, FEC) with support for eEEC
and T-BC/T-TSC Class C
▪ 2 differential clock reference inputs
— 1PPS (1Hz) to 1GHz input frequency
▪ Dual DPLL front-end with independent clock paths
— External control of the DCO for IEEE1588
— Digital holdover with a 1.1 × 10-7 ppb accuracy
— Programmable DPLL loop bandwidth 1mHz - 6kHz
— Configurable phase delay (range: 1UI)
— Hitless input switching with < 1ns output phase error
▪ Reference monitors for input LOS, activity and frequency
▪ 1 external synchronization input for JESD204B/C (LVCMOS)
▪ 16 differential outputs
▪ Dedicated phase management capabilities
▪ Optimized for low phase noise:
— Device clocks: -149.9dBc/Hz (1MHz offset; 245.76MHz clock)
▪ Supply voltage (core): 3.3V; (outputs): 3.3V, 2.5V, and 1.8V
▪ Package: 10 × 10 mm 88-VFQFPN
▪ Board temperature range: -40°C to +105°C




Similar Part No. - 8V19N850D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 176P
Radio Unit Clock Synchronizer and Converter Clock Generator
December 4, 2023
8V19N850DNLGI RENESAS-8V19N850DNLGI Datasheet
3Mb / 176P
Radio Unit Clock Synchronizer and Converter Clock Generator
December 4, 2023
8V19N850DNLGI/W RENESAS-8V19N850DNLGI/W Datasheet
3Mb / 176P
Radio Unit Clock Synchronizer and Converter Clock Generator
December 4, 2023
8V19N850DNLGI8 RENESAS-8V19N850DNLGI8 Datasheet
3Mb / 176P
Radio Unit Clock Synchronizer and Converter Clock Generator
December 4, 2023
8V19N850D RENESAS-8V19N850D_V01 Datasheet
3Mb / 176P
Radio Unit Clock Synchronizer and Converter Clock Generator
December 4, 2023
More results


Similar Description - 8V19N850D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
942Kb / 78P
Dual Input Network Clock Generator/Synchronizer
AD9547 AD-AD9547 Datasheet
1Mb / 104P
Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
logo
Integrated Device Techn...
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
Clock Synchronizer and Multiplier
logo
Analog Devices
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
CLOCK SYNCHRONIZER AND MULTIPLIER
logo
Analog Devices
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9548 AD-AD9548_14 Datasheet
1Mb / 111P
Quad/Octal Input Network Clock Generator/Synchronizer
12/14-Rev. F to Rev. G
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com