Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC-242 Datasheet (PDF) - Advantech Co., Ltd.

IPC-242 Datasheet PDF - Advantech Co., Ltd.
Part # IPC-242
Download  IPC-242 Download
File Size   892.72 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Compact size IPC with 10th Gen Intel® Core™ i CPU Socket (LGA 1200) and 250W ATX PSU

IPC-242 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPC-242 Datasheet PDF - Advantech Co., Ltd.

Part # IPC-242
Download  IPC-242 Click to download

File Size   892.72 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Compact size IPC with 10th Gen Intel® Core™ i CPU Socket (LGA 1200) and 250W ATX PSU

IPC-242 Datasheet (HTML) - Advantech Co., Ltd.


IPC-242 Product details

Features
ƒ Intel 10th Gen Core i Desktop LGA 1200 CPU supported with Q470E/H420E
chipset
ƒ Compact design fit in small cabinet or limited space
ƒ 2-3 Independent Display (HDMI/ VGA/ DP or DVI)
ƒ 4 Expansion slots (PCIe/ PCI)
ƒ Rich I/O: 2 x GbE, 6 x USB3.2, 1x NVMe M.2, 2 x SATAIII,
2 x RS-232/422/485 Serial Ports, 1 x Internal USB 2.0
ƒ 1 x Swappable HDD/SSD Tray
ƒ 250W Flex ATX Power Support
ƒ Support Power Output 5V/12V (max. 2A)
ƒ Dimension: 333(W) x 269.2(D) x 88(H) mm




Similar Part No. - IPC-242

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-240 ADVANTECH-IPC-240 Datasheet
926Kb / 2P
Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
IPC-240 ADVANTECH-IPC-240 Datasheet
967Kb / 2P
Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
IPC-240-00A1 ADVANTECH-IPC-240-00A1 Datasheet
967Kb / 2P
Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
IPC-240-01A1 ADVANTECH-IPC-240-01A1 Datasheet
967Kb / 2P
Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
IPC-240-20A1 ADVANTECH-IPC-240-20A1 Datasheet
926Kb / 2P
Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
More results


Similar Description - IPC-242

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3532B ADVANTECH-ARK-3532B Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3532C ADVANTECH-ARK-3532C Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3532D ADVANTECH-ARK-3532D Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
EPC-P30X6 ADVANTECH-EPC-P30X6 Datasheet
648Kb / 2P
2U system with 8th/9th Gen Intel® Core™ i CPU (LGA 1151)
9-Feb-2022
MIC-770-V2 ADVANTECH-MIC-770-V2 Datasheet
1Mb / 3P
Compact Fanless System with 10th Gen Intel® Xeon®/Core™ i CPU Socket (LGA 1200)
19-Jul-2022
MIC-770-V3 ADVANTECH-MIC-770-V3 Datasheet
718Kb / 3P
Compact Fanless System with 12th Gen Intel® Core™ i CPU Socket (LGA 1700)
9-Jan-2023
TPC-B610 ADVANTECH-TPC-B610 Datasheet
611Kb / 3P
Modular TPC - Computing Box Module with Intel® 10th Gen. Core™ i CPU Socket (LGA1200)
17-Jan-2023
IPC-220 ADVANTECH-IPC-220_V01 Datasheet
926Kb / 2P
Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
IPC-220 ADVANTECH-IPC-220_V02 Datasheet
967Kb / 2P
Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
IPC-320 ADVANTECH-IPC-320 Datasheet
1Mb / 3P
Compact Size Tower IPC with 12th Gen Intel® Core™ i CPU Socket (LGA 1700) and 250W PSU
16-Feb-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com