Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC-3397 Datasheet (PDF) - Advantech Co., Ltd.

MIC-3397 Datasheet PDF - Advantech Co., Ltd.
Part # MIC-3397
Download  MIC-3397 Download
File Size   351.42 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 6U CompactPCI Quad Core Intel® Xeon® Processor Blade

MIC-3397 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC-3397 Datasheet PDF - Advantech Co., Ltd.

Part # MIC-3397
Download  MIC-3397 Click to download

File Size   351.42 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 6U CompactPCI Quad Core Intel® Xeon® Processor Blade

MIC-3397 Datasheet (HTML) - Advantech Co., Ltd.


MIC-3397 Product details

Features
ƒƒ Supports 22nm Intel® Xeon® processor
ƒƒ Intel® DH8900 chipset supports DM1.0 x 4
ƒƒ Up to 16GB DDR3-1333/1600 ECC memory
ƒƒ Supports up to five GbE ports, six USB2.0 ports, two VGA ports,three COM
ports, one PS/2 connector, three 2.5" SATA connector (one SATA HDD is
optional with 8GB NAND flash), one Cfast, one PCIe 2.0x4 interface to the
Rear Transition Module (RTM)
ƒƒ PICMG2.0 R3.0, PICMG2.1 R.0, PICMG2.16 R1.0 Compliant




Similar Part No. - MIC-3397

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3397 ADVANTECH-MIC-3397 Datasheet
645Kb / 1P
Quad Ports Gigabit Ethernet XMC
17-Jun-2019
MIC-3397A2-M8E ADVANTECH-MIC-3397A2-M8E Datasheet
642Kb / 2P
6U CompactPCI Intel짰 Xeon짰 E3 Quad Core & Pentium짰 Dual Core Processor Blade
MIC-3397B1-M8E ADVANTECH-MIC-3397B1-M8E Datasheet
642Kb / 2P
6U CompactPCI Intel짰 Xeon짰 E3 Quad Core & Pentium짰 Dual Core Processor Blade
MIC-3397C1-M8E ADVANTECH-MIC-3397C1-M8E Datasheet
642Kb / 2P
6U CompactPCI Intel짰 Xeon짰 E3 Quad Core & Pentium짰 Dual Core Processor Blade
MIC-3397C2-M8E ADVANTECH-MIC-3397C2-M8E Datasheet
642Kb / 2P
6U CompactPCI Intel짰 Xeon짰 E3 Quad Core & Pentium짰 Dual Core Processor Blade
More results


Similar Description - MIC-3397

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3393 ADVANTECH-MIC-3393 Datasheet
483Kb / 3P
6U CompactPCI Intel짰 Xeon짰 Quad/Dual Core Processor Blade
MIC-3397 ADVANTECH-MIC-3397_14 Datasheet
642Kb / 2P
6U CompactPCI Intel짰 Xeon짰 E3 Quad Core & Pentium짰 Dual Core Processor Blade
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3332 ADVANTECH-MIC-3332 Datasheet
1Mb / 3P
3U CompactPCI Intel® 6th Gen. Quad- Core™ Processor Blade
29-Nov-2022
MIC-3396 ADVANTECH-MIC-3396 Datasheet
384Kb / 2P
6U CompactPCI Intel® 4th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3396MIL ADVANTECH-MIC-3396MIL Datasheet
410Kb / 2P
6U CompactPCI Intel® 4th/5th Gen. Core™ i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
MIC-3399 ADVANTECH-MIC-3399 Datasheet
657Kb / 2P
6U CompactPCI Intel® 6th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
7-Sep-2021
MIC-6315 ADVANTECH-MIC-6315 Datasheet
488Kb / 2P
OpenVPX CPU Blade with Intel® Xeon® D-1500 family Processor
17-Jun-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com