Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH1690ABT Datasheet (PDF) - Vishay Siliconix

SFH1690ABT Datasheet PDF - Vishay Siliconix
Part # SFH1690ABT
Download  SFH1690ABT Download
File Size   131.48 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated

SFH1690ABT Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH1690ABT Datasheet PDF - Vishay Siliconix

Part # SFH1690ABT
Download  SFH1690ABT Click to download

File Size   131.48 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated

SFH1690ABT Datasheet (HTML) - Vishay Siliconix


SFH1690ABT Product details

DESCRIPTION
The 110 °C rated SFH1690AT, SFH1690BT, SFH1690CT,
and SFH1690ABT family has a GaAs infrared emitting diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a 4 pin
100 mil lead pitch miniflat package. It features a high current
transfer ratio, low coupling capacitance, and high isolation
voltage.
The coupling devices are designed for signal transmission
between two electrically separated circuits. The SFH1690
series is available only on tape and reel. There are 2000
parts per reel.


FEATURES
• Operating temperature from - 55 °C to + 110 °C
• SOP (small outline package)
• Isolation test voltage, 3750 VRMS (1 s)
• Low saturation voltage
• Fast switching times
• Low coupling capacitance
• End-stackable, 0.100" (2.54 mm) spacing
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - SFH1690ABT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1690ABT VISHAY-SFH1690ABT Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
23-May-13
SFH1690ABT VISHAY-SFH1690ABT Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
More results


Similar Description - SFH1690ABT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1015 VISHAY-TCLT1015 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4, 110 째C Rated, Long Mini-Flat Package
08-Jan-14
SFH1690BT VISHAY-SFH1690BT Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
23-May-13
TCLT1017 VISHAY-TCLT1017 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4, 110 C Rated, Long Mini-Flat Package
08-Jan-14
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
20-Apr-04
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
08-Jan-14
SFH1690AT VISHAY-SFH1690AT_V01 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
TCLT101 VISHAY-TCLT101_V02 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package
19-Jan-16
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com