Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH628A Datasheet (PDF) - Vishay Siliconix

SFH628A Datasheet PDF - Vishay Siliconix
Part # SFH628A
Download  SFH628A Download
File Size   175.11 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, Low Input Current

SFH628A Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH628A Datasheet PDF - Vishay Siliconix

Part # SFH628A
Download  SFH628A Click to download

File Size   175.11 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, AC Input, Low Input Current

SFH628A Datasheet (HTML) - Vishay Siliconix


SFH628A Product details

DESCRIPTION
The SFH628A (DIP) and SFH6286 (SMD) feature a high
current transfer ratio, low coupling capacitance and high
isolation voltage. These couplers have a GaAs infrared
emitting diode, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 or SMD package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm lead spacing.
Creepage and clearance distances of > 8 mm are achieved
with option 6. This version complies with IEC 60950
(DIN VDE 0805) for reinforced insulation to an operation
voltage of 400 VRMS or DC.

FEATURES
• High common mode interference immunity
• Isolation test voltage, 5300 VRMS
• Low coupling capacitance
• Good CTR linearity depending on forward
current
• Low CTR degradation
• High collector emitter voltage, VCEO = 55 V
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - SFH628A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH628A VISHAY-SFH628A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
SFH628A VISHAY-SFH628A Datasheet
294Kb / 8P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
26-Apr-04
SFH628A VISHAY-SFH628A Datasheet
225Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
24-Mar-11
SFH628A VISHAY-SFH628A Datasheet
177Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
28-Feb-14
SFH628A VISHAY-SFH628A Datasheet
174Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
28-Feb-14
More results


Similar Description - SFH628A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6286 VISHAY-SFH6286 Datasheet
294Kb / 8P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
26-Apr-04
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH6286-2T VISHAY-SFH6286-2T Datasheet
225Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
24-Mar-11
SFH6286-3T VISHAY-SFH6286-3T Datasheet
189Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
11-Jul-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
31-Aug-15
SFH628A VISHAY-SFH628A Datasheet
177Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
28-Feb-14
SFH6286 VISHAY-SFH6286_V01 Datasheet
174Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
28-Feb-14
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
Optocoupler, Low Input Current, Phototransistor Output
18-Feb-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com