Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK10 Datasheet (PDF) - Hirose Electric

BK10 Datasheet PDF - Hirose Electric
Part # BK10
Download  BK10 Download
File Size   694.65 Kbytes
Page   11 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector

BK10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK10 Datasheet PDF - Hirose Electric

Part # BK10
Download  BK10 Click to download

File Size   694.65 Kbytes
Page   11 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector

BK10 Datasheet (HTML) - Hirose Electric


BK10 Product details

Features
1. Ultra Low-profile and
Space-saving Design
Compact design ideal for mobile devices.
・ Stacking height : 0.5mm, Pitch : 0.3mm,Depth : 1.7mm
2. Robust Design
Fully armored guides prevent housing damage
due to misalignment when mating.
3. Dimpled Contact Lock Design
for High Extraction Force
Dimpled lock design on power and signal contacts
enables high extraction force.
4. Enhanced PCB Peeling Strength
Both the header and receptacle have 3 solder areas
at each power contact for greater PCB peeling
strength.
5. High Contact Reliability
6. Superior Mating Operability
7. Halogen-Free
Both the power and signal contacts have a two-point
contact design, ensuring high contact reliability.
Wide self-alignment range with metal guides offers
a smooth mating operation.
(±0.29mm in pitch direction, ±0.24mm in width
direction)
Additionally, the clear tactile click generated by the
unique locking contact design ensures complete
mating.
All materials and substances used to produce this
product comply with Halogen-free standards.
* As defined by IEC 61249-2-21
Br : 900ppm max., Cl : 900ppm max.,
Br+Cl : 1,500ppm max.




Similar Part No. - BK10

ManufacturerPart #DatasheetDescription
logo
Power-One
BK1001-7R POWER-ONE-BK1001-7R Datasheet
173Kb / 4P
150 Watt DC-DC Converters
logo
Taiyo Yuden (U.S.A.), I...
BK1005 TAIYO-YUDEN-BK1005 Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1005HM101-T TAIYO-YUDEN-BK1005HM101-T Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1005HM102 TAIYO-YUDEN-BK1005HM102 Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
More results


Similar Description - BK10

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
0.5mm Pitch Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
FB10 JAE-FB10 Datasheet
180Kb / 6P
0.3mm Pitch, 0.9mm Height FPC Connector
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP27D JAE-WP27D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com