Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59H1342C Datasheet (PDF) - Renesas Technology Corp

SLG59H1342C Datasheet PDF - Renesas Technology Corp
Part # SLG59H1342C
Download  SLG59H1342C Download
File Size   1240.84 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP

SLG59H1342C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59H1342C Datasheet PDF - Renesas Technology Corp

Part # SLG59H1342C
Download  SLG59H1342C Click to download

File Size   1240.84 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP

SLG59H1342C Datasheet (HTML) - Renesas Technology Corp


SLG59H1342C Product details

Description
Operating from a 2.7 V to 5.5 V power supply, the
SLG59H1342C is a self-powered, high-performance, 70 mΩ
nFET load switch designed for high-side power-rail
applications up to 1.5 A. When ON, internal reverse-current
protection will quickly open the switch in the event of a
reverse-voltage condition is detected
(a VOUT > VIN + 50 mV condition opens the switch). When OFF,
an internal back-to-back reverse-current blocking circuit
prevents reverse path leakage current.

Features
• Integrated 1.5 A Continuous IDS nFET Load Switch
• Integrated Low RDSON nFET switch: 70 mΩ
• Input Voltage: 2.7 V to 5.5 V
• Operating Temperature: -40 °C to 85 °C
• Resistor-adjustable Active Current Limit
- ±10% accuracy for 0.27 A to 1.81 A Current Limit
Thresholds
- ±15% accuracy for < 0.27 A Current Limit Thresholds
• Open Drain FLT Signaling
• Input Over-Voltage Protection
• Absolute VIN maximum voltage rating: 28 VDC
• Over-temperature Protection
• Under-Voltage Lockout
• True Reverse-Current Blocking
• Active Low ON signal control
• Low θJA, 9-pin 1.21 mm x 1.21 mm, 0.4 mm pitch
9L WLCSP Packaging
• Pb-Free / Halogen-Free / RoHS compliant

Applications
• Fast Turn On/Off power rail switching
• Frequent wake & sleep power cycle
• Mobile devices and portable devices




Similar Part No. - SLG59H1342C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59H1341 RENESAS-SLG59H1341 Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1341C RENESAS-SLG59H1341C Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1341CTR RENESAS-SLG59H1341CTR Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1343C RENESAS-SLG59H1343C Datasheet
1Mb / 24P
A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP
Jul 26, 2023
More results


Similar Description - SLG59H1342C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1313C DIALOG-SLG59H1313C Datasheet
1Mb / 28P
A 20 m廓, 4.5 A nFET Integrated Power Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
SLG59M1748C DIALOG-SLG59M1748C Datasheet
627Kb / 20P
A Reverse Blocking 36 m廓, 2.2 A pFET Integrated Power Switch in 0.64 mm2 WLCSP
logo
Renesas Technology Corp
SLG59H1341 RENESAS-SLG59H1341 Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
SLG59M1714V RENESAS-SLG59M1714V Datasheet
725Kb / 21P
A Reverse-current Blocking, 15 mΩ, 4 A Load Switch with Analog Current Monitor Output
2-Feb-2022
SLG59M1735C RENESAS-SLG59M1735C Datasheet
1Mb / 19P
A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
4-Feb-2022
SLG59M1748C RENESAS-SLG59M1748C Datasheet
1Mb / 21P
A Reverse Blocking 36 mΩ, 2.2 A pFET Load Switch in 0.64 mm2 WLCSP
4-Feb-2022
SLG59M1563V RENESAS-SLG59M1563V Datasheet
469Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
2-Feb-2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
SLG5NT1586V RENESAS-SLG5NT1586V Datasheet
470Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
7-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com