Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9161-45GV Datasheet (PDF) - Richtek Technology Corporation

RT9161-45GV Datasheet PDF - Richtek Technology Corporation
Part # RT9161-45GV
Download  RT9161-45GV Download
File Size   161.88 Kbytes
Page   6 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Simple Lithium-Ion Battery Charger

RT9161-45GV Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9161-45GV Datasheet PDF - Richtek Technology Corporation

Part # RT9161-45GV
Download  RT9161-45GV Click to download

File Size   161.88 Kbytes
Page   6 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Simple Lithium-Ion Battery Charger

RT9161-45GV Datasheet (HTML) - Richtek Technology Corporation


RT9161-45GV Product details

General Description
The RT9161B is a single-cell lithium-ion battery charger. It includes an on-chip pass transistor for high precision charging. Featuring with ultrahigh precision (±1%), the RT9161B provides a very effective and low cost solution for charging lithium ion battery.
Other features of the RT9161B are current limit and thermal shutdown protection. The output voltage of RT9161B is internally set and ranges from 4.10V to 4.35V, in 0.05V steps. The RT9161B comes in the
SOT-89 and SOT-223 packages.

Features
High Accuracy Charge Voltage: ±1%
6 Available Output Voltages
Low 450mV Dropout at 300mA
Wide Input Voltage Range
Thermal Shutdown and Current Limit Protection
SOT-89 and SOT-223
Low Ground Current 110µA

Applications
Li-Ion Battery Charger
Cellular Phones
Palmtop Computers
PDAs
Self Charging Battery Packs




Similar Part No. - RT9161-45GV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161-45GV RICHTEK-RT9161-45GV Datasheet
260Kb / 10P
300/500mA Low Dropout Linear Voltage Regulator
More results


Similar Description - RT9161-45GV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Micrel Semiconductor
MIC79050 MICREL-MIC79050 Datasheet
103Kb / 20P
Simple Lithium-Ion Battery Charger Preliminary Information
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Micrel Semiconductor
MIC79050 MICREL-MIC79050_05 Datasheet
280Kb / 14P
Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com