Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSEB0850 Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CSEB0850 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CSEB0850
Download  CSEB0850 Download
File Size   929.65 Kbytes
Page   7 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Molded Power Inductor

CSEB0850 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSEB0850 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CSEB0850
Download  CSEB0850 Click to download

File Size   929.65 Kbytes
Page   7 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Molded Power Inductor

CSEB0850 Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CSEB0850 Product details

Features:
▪ Core material: Alloy powder
▪ Core and winding loss:
See https://www.codaca.com/DesignTool_Power-Inductor-Loss-
Comparison.html
▪ Enviromental:RoHS,Reach compliant ,Halogen free
▪ Weight: 1.81g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at 5~40℃, RH≤ 70% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃

Application:
▪ DC/DC converter for high cuurrent power supplies
▪ DC/DC converter for Field Programmable Gate Array(FPGA)
▪ Wireless power devices/Filte
▪ Battery power devices




Similar Part No. - CSEB0850

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSEB0880 CODACA-CSEB0880 Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
CSEB0880-100M CODACA-CSEB0880-100M Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
CSEB0880-150M CODACA-CSEB0880-150M Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
CSEB0880-1R0M CODACA-CSEB0880-1R0M Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
CSEB0880-1R5M CODACA-CSEB0880-1R5M Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
More results


Similar Description - CSEB0850

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5447.XXXNLT PULSE-PA5447.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5448.XXXNLT PULSE-PA5448.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5449.XXXNLT PULSE-PA5449.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shenzhen Codaca Electro...
CSEB0430H CODACA-CSEB0430H Datasheet
917Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730 CODACA-CSEB0730 Datasheet
1,000Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0770 CODACA-CSEB0770 Datasheet
933Kb / 10P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com