Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZP-3026Z Datasheet (PDF) - SIRENZA MICRODEVICES

SZP-3026Z Datasheet PDF - SIRENZA MICRODEVICES
Part # SZP-3026Z
Download  SZP-3026Z Download
File Size   378.6 Kbytes
Page   10 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 3.0-3.8GHz 2W InGaP Amplifier

SZP-3026Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SZP-3026Z Datasheet PDF - SIRENZA MICRODEVICES

Part # SZP-3026Z
Download  SZP-3026Z Click to download

File Size   378.6 Kbytes
Page   10 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 3.0-3.8GHz 2W InGaP Amplifier

SZP-3026Z Datasheet (HTML) - SIRENZA MICRODEVICES


SZP-3026Z Product details

Product Description
Sirenza Microdevices’ SZP-3026Z is a high linearity single stage class AB Heterojunction Bipolar Transistor (HBT) amplifier housed in a proprietary surface-mountable plastic encapsulated package. This HBT amplifier is made with InGaP on GaAs device technology and fabricated with MOCVD for an ideal combination of low cost and high reliability.

Product Features
• P1dB = 33.6dBm @ 5V
• 802.11g 54Mb/s Class AB Performance
    Pout = 26dBm @ 2.5% EVM, Vcc 5V, 570mA
    Pout = 27dBm @ 2.5% EVM, Vcc 6V, 513mA
    On-chip Output Power Detector
• Input Prematched to ~5 ohms
• Proprietary Low Thermal Resistance Package
    Hand Solderable and Easy Rework
• Power up/down control < 1μs

Applications
• 802.16 WiMAX Driver or Output Stage
• WLL




Similar Part No. - SZP-3026Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
2.7-3.8GHz 2W InGaP Amplifier
More results


Similar Description - SZP-3026Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
3.3-3.8GHz 2W Power Amplifier
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
2.2-2.7GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
3.3GHz to 3.8GHz 2W POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com