Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISG56526 Datasheet (PDF) - SIRENZA MICRODEVICES

ISG56526 Datasheet PDF - SIRENZA MICRODEVICES
Part # ISG56526
Download  ISG56526 Download
File Size   79.14 Kbytes
Page   2 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 5 TO 65 MHz SILICON CATV 26 dB HYBRID AMPLIFIER

ISG56526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISG56526 Datasheet PDF - SIRENZA MICRODEVICES

Part # ISG56526
Download  ISG56526 Click to download

File Size   79.14 Kbytes
Page   2 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 5 TO 65 MHz SILICON CATV 26 dB HYBRID AMPLIFIER

ISG56526 Datasheet (HTML) - SIRENZA MICRODEVICES


ISG56526 Product details

DESCRIPTION
The ISG56526 is a low noise, low distortion hybrid amplifier specified for use in return path HFC Cable TV applications.

FEATURES
• FLAT GAIN RESPONSE FROM 5 TO 65 MHz: f=±0.2 dB
• INPUT AND OUTPUT MATCHING TO 75 OHMS: RL=>19 dB
• LOW DISTORTION: P1dB = 78 dBmV
• LOW NOISE: 3.0 dB
• AUTOMATED SURFACE MOUNT CONSTRUCTION




Similar Part No. - ISG56526

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
ISG56525 SIRENZA-ISG56525 Datasheet
75Kb / 2P
5 TO 65 MHz SILICON CATV 25dB HYBRID AMPLIFIER
ISG56527 SIRENZA-ISG56527 Datasheet
76Kb / 2P
5 TO 65 MHz SILICON CATV 27dB HYBRID AMPLIFIER
More results


Similar Description - ISG56526

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PAW-1026 MACOM-PAW-1026 Datasheet
36Kb / 1P
5 - 200 MHz. 24 dB. CATV Ultra-linear Amplifier
logo
SIRENZA MICRODEVICES
ISG52124 SIRENZA-ISG52124 Datasheet
46Kb / 2P
5 TO 210 MHz SILICON CATV 24 dB HYBRID AMPLIFIER
ISG52124-L SIRENZA-ISG52124-L Datasheet
49Kb / 2P
5 TO 210 MHz SILICON CATV 24 dB LOW POWER HYBRID AMPLIFIER
ISG56518 SIRENZA-ISG56518 Datasheet
46Kb / 2P
5 TO 65 MHz SILICON CATV 18 dB HYBRID AMPLIFIER
ISG56525 SIRENZA-ISG56525 Datasheet
75Kb / 2P
5 TO 65 MHz SILICON CATV 25dB HYBRID AMPLIFIER
ISG56530 SIRENZA-ISG56530 Datasheet
76Kb / 2P
5 TO 65 MHz SILICON CATV 30 dB HYBRID AMPLIFIER
ISG56531 SIRENZA-ISG56531 Datasheet
81Kb / 2P
5 TO 65 MHz SILICON CATV 31 dB HYBRID AMPLIFIER
ISG56535 SIRENZA-ISG56535 Datasheet
75Kb / 2P
5 TO 65 MHz SILICON CATV 35 dB HYBRID AMPLIFIER
ISG56527 SIRENZA-ISG56527 Datasheet
76Kb / 2P
5 TO 65 MHz SILICON CATV 27dB HYBRID AMPLIFIER
logo
Analog Devices
ADCA5191 AD-ADCA5191 Datasheet
967Kb / 24P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com