Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS-1700 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

NTS-1700 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # NTS-1700
Download  NTS-1700 Download
File Size   1775.71 Kbytes
Page   8 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 1700W High Reliable True Sine Wave DC-AC Power Inverter

NTS-1700 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTS-1700 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # NTS-1700
Download  NTS-1700 Click to download

File Size   1775.71 Kbytes
Page   8 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 1700W High Reliable True Sine Wave DC-AC Power Inverter

NTS-1700 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


NTS-1700 Product details

Features
* True sine wave output (THD<3%)
* High surge power up to 3400W
* Temperature controlled cooling fan
* AG output voltage and frequency selectable by DIRIS.W
* No load disspation <1.5W at standby saving mode
* -25C~+70C wide operating temperature.
* Power ON-OFF remote control
* Front panel indicator for operation status
* Protections :
Input : Reverse polarity / DC low alarm / DC low shutdown / Over voltage
Output : Short circuit / Overload / Over temp.
* Battery over discharge protection (low voltage disconnect)
* Suitable for lead-acid or li-ion batteries
* Remote controller
(IRC1. IRC2. IRC3 accessory sold separalely. piease refer to: Alps //www meanwell com/webapp/product/search aspx700d=IAC1 )
* Support RS-232 communication(Communication cable order No.: DS-RJ11-RS232, sold sperately)
* Carry handle accessory available(Order NO.: DS-Carry hande, sold separately)
* Conformal coating
* 3 years warranty




Similar Part No. - NTS-1700

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
NTS-17.5 RICHCO-NTS-17.5 Datasheet
52Kb / 1P
NYLON THREADED SPACERS
More results


Similar Description - NTS-1700

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NTS-300 MEANWELL-NTS-300 Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
NTS-450 MEANWELL-NTS-450 Datasheet
2Mb / 8P
450W High Reliable True Sine Wave DC-AC Power Inverter
NTS-750 MEANWELL-NTS-750 Datasheet
5Mb / 8P
750W High Reliable True Sine Wave DC-AC Power Inverter
NTS-1200 MEANWELL-NTS-1200 Datasheet
6Mb / 8P
1200W High Reliable True Sine Wave DC-AC Power Inverter
NTU-1200 MEANWELL-NTU-1200 Datasheet
5Mb / 8P
1200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
NTS-2200 MEANWELL-NTS-2200 Datasheet
4Mb / 9P
2200W High Reliable True Sine Wave DC-AC Power Inverter
2022-08-03
NTS-3200 MEANWELL-NTS-3200 Datasheet
4Mb / 9P
3200W High Reliable True Sine Wave DC-AC Power Inverter
2022-08-03
NTU-1700 MEANWELL-NTU-1700 Datasheet
4Mb / 8P
1700W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2023-01-16
NTU-2200 MEANWELL-NTU-2200 Datasheet
4Mb / 9P
2200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2022-08-03
NTU-3200 MEANWELL-NTU-3200 Datasheet
4Mb / 9P
3200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2022-08-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com