| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
1200668879
|
44Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles, Male (Straight) to Female (90°), 22 AWG, Black TPU WSOR Cable, 2.0m (6.56) Length
01/31/2023 |
|
1200668920
|
44Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles, Female (Straight) to Male (90°), 22 AWG, Unshielded WSOR Cable, 2.0m (6.56) Length
02/01/2023 |
|
1200668942
|
47Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles, Female (90°) to Male (90°), 22 AWG, Unshielded WSOR Cable, 0.60m (1.97) Length
02/01/2023 |
|
1200668943
|
47Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles, Female (90°) to Male (90°), 22 AWG, Unshielded WSOR Cable, 1.0m (3.28) Length
01/31/2023 |
|
1200668945
|
47Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles, Female (90°) to Male (90°), 22 AWG, Unshielded WSOR Cable, 3.0m (9.84) Length
02/02/2023 |
|
1200668946
|
47Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles, Female (90°) to Male (90°), 22 AWG, Unshielded WSOR Cable, 5.0m (16.40) Length
02/01/2023 |
|
1200668947
|
47Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles, Female (90°) to Male (90°), 22 AWG, Unshielded WSOR Cable, 10.0m (32.81) Length
01/31/2023 |
|
1200668950
|
48Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 4 Poles, Male (90°) to Female (90°), 22 AWG, Black TPU WSOR Cable, 2.0m (6.56) Length
03/06/2023 |
|
1200668956
|
47Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 5 Poles, Female (90°) to Male (90°), 22 AWG, Unshielded WSOR Cable, Green/Yellow 5th Wire, 2.0m (6.56) Length
02/02/2023 |
|
1200669011
|
48Kb / 2P |
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 5 Poles, Male (90°) to Female (90°), 22 AWG, Black TPU WSOR Cable, 2.0m (6.56) Length
01/31/2023 |