Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLG-320-DA2 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

XLG-320-DA2 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # XLG-320-DA2
Download  XLG-320-DA2 Download
File Size   165.05 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 320W Constant Power Mode with -2 Driver

XLG-320-DA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
XLG-320-DA2 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # XLG-320-DA2
Download  XLG-320-DA2 Click to download

File Size   165.05 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 320W Constant Power Mode with -2 Driver

XLG-320-DA2 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


XLG-320-DA2 Product details

Features
* Wide input range 100~305V AG( Class )
« Full power output at 70~100% Constant power mode operation
* Metal case with IP67, suitable for outdoor application
* Surge protection with 6KV/4KV
* DALI-2 Dimming with minimurm level 8%
* 12V/250mA Auxiliary power available(optional)
* India (EESL) version with Input Over Voltage Protection can
survive input voltage stress of 440Vac for 48 hours(optional)
* Protection functions: SCP/OTP
* Life time >50,000 hrs. and 5 years warranty




Similar Part No. - XLG-320-DA2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
XLG-320-H MEANWELL-XLG-320-H Datasheet
690Kb / 8P
315W Constant Power Mode LED Driver
2023-02-24
XLG-320-H-A MEANWELL-XLG-320-H-A Datasheet
690Kb / 8P
315W Constant Power Mode LED Driver
2023-02-24
XLG-320-H-AB MEANWELL-XLG-320-H-AB Datasheet
690Kb / 8P
315W Constant Power Mode LED Driver
2023-02-24
XLG-320-L MEANWELL-XLG-320-L Datasheet
690Kb / 8P
315W Constant Power Mode LED Driver
2023-02-24
XLG-320-L-A MEANWELL-XLG-320-L-A Datasheet
690Kb / 8P
315W Constant Power Mode LED Driver
2023-02-24
More results


Similar Description - XLG-320-DA2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-320 MEANWELL-HVG-320 Datasheet
139Kb / 7P
320W Constant Voltage Constant Current LED Driver
HLG-320H-C MEANWELL-HLG-320H-C Datasheet
3Mb / 9P
320W Constant Current Mode LED Driver
XLG-100-DA2 MEANWELL-XLG-100-DA2 Datasheet
158Kb / 6P
100W Constant Power Mode with -2 Driver
2023-02-10
XLG-150-DA2 MEANWELL-XLG-150-DA2 Datasheet
183Kb / 6P
150W Constant Power Mode with -2 Driver
2023-02-02
XLG-200-DA2 MEANWELL-XLG-200-DA2 Datasheet
658Kb / 6P
200W Constant Power Mode with DALI-2 LED Driver
2023-02-14
XLG-240-DA2 MEANWELL-XLG-240-DA2 Datasheet
650Kb / 6P
240W Constant Power Mode with DALI-2 LED Driver
2023-02-10
logo
Inventronics Inc.
ESV-320SXXXST INVENTRONICS-ESV-320SXXXST Datasheet
449Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
ESV-320SXXXSV INVENTRONICS-ESV-320SXXXSV Datasheet
391Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
EUC-320SXXXDT INVENTRONICS-EUC-320SXXXDT Datasheet
1Mb / 13P
320W Constant Current IP67 Driver
Rev. E
EUC-320SXXXDV INVENTRONICS-EUC-320SXXXDV Datasheet
1Mb / 12P
320W Constant Current IP67 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com