Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-655X Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-655X Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-655X
Download  HCPL-655X Download
File Size   195.51 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications

HCPL-655X Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-655X Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-655X
Download  HCPL-655X Click to download

File Size   195.51 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications

HCPL-655X Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-655X Product details

Description
These units are single, dual and quad channel, hermetically sealed optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appropriate DSCC Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DSCC Qualified Manufacturers List QML-38534 for Hybrid Microcircuits.

Features
• Dual Marked with Device Part Number and DSCC Drawing Number
• Manufactured and Tested on a MIL-PRF-38534 Certified Line
• QML-38534, Class H and K
• Five Hermetically Sealed Package Configurations
• Performance Guaranteed, Over -55°C to +125°C
• High Speed: Typically 400 kBit/s
• 9 MHz Bandwidth
• Open Collector Output
• 2-18 Volt VCC Range
• 1500 Vdc Withstand Test Voltage
• High Radiation Immunity
• 6N135, 6N136, HCPL-2530/2531, Function Compatibility
• Reliability Data

Applications
• Military and Space
• High Reliability Systems
• Vehicle Command, Control, Life Critical Systems
• Line Receivers
• Switching Power Supply
• Voltage Level Shifting
• Analog Signal Ground Isolation (see Figures 7, 8, and 13)
• Isolated Input Line Receiver
• Isolated Output Line Driver
• Logic Ground Isolation
• Harsh Industrial Environments
• Isolation for Test Equipment Systems




Similar Part No. - HCPL-655X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-655X HP-HCPL-655X Datasheet
244Kb / 12P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-655X AVAGO-HCPL-655X Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
More results


Similar Description - HCPL-655X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6531 AVAGO-HCPL-6531 Datasheet
190Kb / 13P
Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com