Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPD3119-330M Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CPD3119-330M Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CPD3119-330M
Download  CPD3119-330M Download
File Size   792.22 Kbytes
Page   4 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Inductor for Digital AMP

CPD3119-330M Datasheet (PDF)

Go To PDF Page Download Datasheet
CPD3119-330M Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CPD3119-330M
Download  CPD3119-330M Click to download

File Size   792.22 Kbytes
Page   4 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Inductor for Digital AMP

CPD3119-330M Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CPD3119-330M Product details

Features:
Core material:Ferrite
Core and winding loss:
www.codaca.com/DesignTool_Power-Inductor-Loss-Comparison.html
Environmental:RoHS compliant, halogen free
Weight:69.32g
Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
Operating temperature range: -40 +125
(including coil’s self temperature rise).
Storage temperature range: -40℃~+125℃

Application:
Designed Best suited as LPE Inductor for Digital Ampilifier
(Class-D Amp)
Support high-output of AV Amplifiers and Car Amplifiers and so on




Similar Part No. - CPD3119-330M

ManufacturerPart #DatasheetDescription
logo
Vigortronix Ltd
CPD3119-220M VIGORTRONIX-CPD3119-220M Datasheet
1Mb / 1P
Power Inductor
28/06/21
More results


Similar Description - CPD3119-330M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSD0910B CODACA-CSD0910B Datasheet
792Kb / 5P
Inductor for Digital AMP
07/14/2020
CSD1013B CODACA-CSD1013B Datasheet
758Kb / 5P
Inductor for Digital AMP
07/14/2020
CPD1415B CODACA-CPD1415B Datasheet
811Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1480 CODACA-CPD1480 Datasheet
769Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1480A CODACA-CPD1480A Datasheet
687Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1495 CODACA-CPD1495 Datasheet
749Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1521C CODACA-CPD1521C Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1715 CODACA-CPD1715 Datasheet
783Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1715F CODACA-CPD1715F Datasheet
778Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD2320 CODACA-CPD2320 Datasheet
735Kb / 4P
Inductor for Digital AMP
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com