Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ912DEP Datasheet (PDF) - Vishay Siliconix

SQJ912DEP Datasheet PDF - Vishay Siliconix
Part # SQJ912DEP_V02
Download  SQJ912DEP Download
File Size   262.87 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET

SQJ912DEP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ912DEP Datasheet PDF - Vishay Siliconix

Part # SQJ912DEP_V02
Download  SQJ912DEP Click to download

File Size   262.87 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET

SQJ912DEP Datasheet (HTML) - Vishay Siliconix


SQJ912DEP Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQJ912DEP_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ912DEP VISHAY-SQJ912DEP_V01 Datasheet
263Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
03-Aug-2020
More results


Similar Description - SQJ912DEP_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
19-Dec-11
SQJQ904E VISHAY-SQJQ904E Datasheet
214Kb / 7P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
20-Feb-17
SQS940ELNW VISHAY-SQS940ELNW_V01 Datasheet
204Kb / 6P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
11-Apr-2022
SQS944ENW VISHAY-SQS944ENW_V02 Datasheet
597Kb / 11P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
27-May-2019
SQJQ904E VISHAY-SQJQ904E_V02 Datasheet
266Kb / 10P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
20-Feb-17
SQJB04ELP VISHAY-SQJB04ELP_V02 Datasheet
271Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
02-Mar-2020
SQJB46ELP VISHAY-SQJB46ELP_V02 Datasheet
216Kb / 6P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
07-Mar-2022
SQJB46EP VISHAY-SQJB46EP_V02 Datasheet
243Kb / 7P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
08-Feb-2021
SQJB48EP VISHAY-SQJB48EP_V02 Datasheet
270Kb / 10P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
09-Dec-2019
SQ4940AEY VISHAY-SQ4940AEY_V02 Datasheet
217Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
23-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com