Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT6300A Datasheet (PDF) - ITECH ELECTRONIC CO.,LTD.

IT6300A Datasheet PDF - ITECH ELECTRONIC CO.,LTD.
Part # IT6300A
Download  IT6300A Download
File Size   1060.78 Kbytes
Page   2 Pages
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.
Description IT6300A Triple Channels DC Power Supply

IT6300A Datasheet (PDF)

Go To PDF Page Download Datasheet
IT6300A Datasheet PDF - ITECH ELECTRONIC CO.,LTD.

Part # IT6300A
Download  IT6300A Click to download

File Size   1060.78 Kbytes
Page   2 Pages
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.
Description IT6300A Triple Channels DC Power Supply

IT6300A Datasheet (HTML) - ITECH ELECTRONIC CO.,LTD.


IT6300A Product details

IT6300A series is high-performance programmable
triple channels DC power supply, each output
voltage and current can be set from 0 to maximum
rated output, supports series connection, parallel
connection and track functions of channel, which
offer multi-purpose solutions for customers test.
IT6300A series is with high resolution 1mV / 1mA
and remote sense function, which make the test
more accurate. With built-in standard USB /
RS232 communication interface, IT6300A series
greatly enhance the communication speed, and
customers also can adjust the digital step value by
using the cursor to facilitate the operation.

Feature
-Triple output voltage, all are adjustable
-Optional serial/ parallel/ track mode
-Displays voltage and current settings for all three channels
simultaneously
-Small size of 1/2 2U
-VFD display
-Function keys with LED light
-Adjust the digital step value via cursor
-Output switch control
-High accuracy, high resolution and high stability
-Remote measurement function, compensation online pressure drop
-Comprehensive protection function
-Intelligent fan control, reduce noise
-Built-in RS232/USB communication interface




Similar Part No. - IT6300A

ManufacturerPart #DatasheetDescription
logo
ITECH ELECTRONIC CO.,LT...
IT6302 ITECH-IT6302 Datasheet
820Kb / 1P
IT6302 Triple Channels DC Power Supply
More results


Similar Description - IT6300A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
Dual Tracking, Triple Output DC Power Supply
logo
BOSER Technology Co., L...
MPE-FT40-02 BOSER-MPE-FT40-02 Datasheet
62Kb / 1P
40W Triple Outputs AC-DC Open Frame Power Supply
logo
Texas Instruments
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
Low Power Triple and Quad Channels Digital Isolators
logo
Extech Instruments Corp...
382203 EXTECH-382203_15 Datasheet
204Kb / 1P
Analog or Digital Triple Output DC Power Supply
logo
TEKTRONIX, INC.
2231A-30-3 TEKTRONIX-2231A-30-3 Datasheet
513Kb / 4P
195W Triple Channel DC Power Supply
logo
Maxim Integrated Produc...
MAX34461EVKIT MAXIM-MAX34461EVKIT Datasheet
2Mb / 23P
Four Power-Supply Channels
Rev 0; 10/12
MAX34460EVKIT MAXIM-MAX34460EVKIT Datasheet
2Mb / 23P
Four Power-Supply Channels
Rev 0; 9/12
logo
ETA-USA
OCH40T ETA-USA-OCH40T Datasheet
530Kb / 6P
DC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 40 WATTS
logo
Mean Well Enterprises C...
ERS-1400 MEANWELL-ERS-1400 Datasheet
1Mb / 7P
4 Channels 1400W Energy Recycling DC Power Supply
2023-01-30
logo
ITECH ELECTRONIC CO.,LT...
IT6302 ITECH-IT6302 Datasheet
820Kb / 1P
IT6302 Triple Channels DC Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com