Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5L35021 Datasheet (PDF) - Renesas Technology Corp

5L35021 Datasheet PDF - Renesas Technology Corp
Part # 5L35021
Download  5L35021 Download
File Size   969.29 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® 3S Programmable Clock Generator

5L35021 Datasheet (PDF)

Go To PDF Page Download Datasheet
5L35021 Datasheet PDF - Renesas Technology Corp

Part # 5L35021
Download  5L35021 Click to download

File Size   969.29 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® 3S Programmable Clock Generator

5L35021 Datasheet (HTML) - Renesas Technology Corp


5L35021 Product details

Description
The 5L35021 is a member of the VersaClock 3S programmable
clock generator family with 1.8V operation voltage, and is
designed for industrial, consumer, and PCI Express applications.
The device features a 3 PLL architecture design; each PLL is
individually programmable and allowing up to 6 unique frequency
outputs.
The 5L35021 has built-in features such as Proactive Power
Saving (PPS), Performance-Power Balancing (PPB), Overshoot
Reduction Technology (ORT) and extreme low power DCO. An
internal OTP memory allows the user to store the configuration in
the device without programming after power up, then program the
5L35021 again through the I2
C interface.
The device has programmable VCO and PLL source selection,
allowing power-performance optimization based on the application
requirements.

Typical Applications
▪ Embedded computing devices
▪ Consumer application crystal replacements
▪ SmartDevice, Handheld, and Consumer applications

Features
▪ Configurable OE pin function as OE, PD#, PPS or DFC control function
▪ Configurable PLL bandwidth; minimizes jitter peaking
▪ PPS: Proactive Power Saving features save power during the end device power down mode
▪ PPB: Performance Power Balancing feature allows minimum power consumption based on required performance
▪ DFC: Dynamic Frequency Control feature allows user to dynamically switch between and up to 4 different frequencies smoothly
▪ Spread spectrum clock to lower system EMI
▪ I2C interface
▪ Suspend Mode, featuring RTC clock only when system goes into low-power operation modes




Similar Part No. - 5L35021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5L35021 IDT-5L35021 Datasheet
536Kb / 37P
Clock Generator
5L35021 IDT-5L35021 Datasheet
456Kb / 37P
VersaClock 3S Programmable Clock Generator
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
923Kb / 40P
VersaClock® 3S Programmable Clock Generator
December 15, 2025
logo
Integrated Device Techn...
5L35021-000NDGI IDT-5L35021-000NDGI Datasheet
536Kb / 37P
Clock Generator
logo
Renesas Technology Corp
5L35021-000NDGI RENESAS-5L35021-000NDGI Datasheet
923Kb / 40P
VersaClock® 3S Programmable Clock Generator
December 15, 2025
More results


Similar Description - 5L35021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
5X35023 IDT-5X35023 Datasheet
478Kb / 40P
VersaClock Programmable Clock Generator
5L35021 IDT-5L35021_17 Datasheet
456Kb / 37P
VersaClock 3S Programmable Clock Generator
logo
Renesas Technology Corp
5L35023 RENESAS-5L35023 Datasheet
935Kb / 39P
VersaClock® 3S Programmable Clock Generator
November 30, 2022
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6967 RENESAS-5P49V6967 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Aug 30, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com