Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMAG5115 Datasheet (PDF) - Texas Instruments

TMAG5115 Datasheet PDF - Texas Instruments
Part # TMAG5115
Download  TMAG5115 Download
File Size   1114.66 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMAG5115 High-Speed, Low Jitter, Hall-Effect Latch

TMAG5115 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMAG5115 Datasheet PDF - Texas Instruments

Part # TMAG5115
Download  TMAG5115 Click to download

File Size   1114.66 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMAG5115 High-Speed, Low Jitter, Hall-Effect Latch

TMAG5115 Datasheet (HTML) - Texas Instruments


TMAG5115 Product details

Description
The TMAG5115 device is a high performance Halleffect
latch sensor with fast propagation delay and low
jitter. The device also has high sensitivity stability over
temperature and offers integrated protection features
designed for applications that require high RPM.
The combination of low jitter and low propagation
delay can help increase power efficiency and reduce
parasitic system-level noise.
The device has an open-drain output stage with
15-mA current sink capability. The TMAG5115
wide operating voltage range of 2.5 V to 26 V
is designed for a wide range of industrial and
commercial applications. Internal protection functions
are provided for output short-circuit, overcurrent, and
overtemperature conditions.
The TMAG5115 is available in the industry standard
SOT-23 package.

Features
• High-speed digital bipolar-latch Hall sensor
– Low propagation delay: 5 μs
– Low jitter: 5 μs
– Bandwidth (BW): 60-kHz
• Supports a wide voltage range:
– 2.5 V to 26 V
– No external regulator required
• Fast power-on time: 62.5 μs
• High precision thresholds:
– ±3 mT with ±1 mT maximum variation
– ±1 mT with ±0.7 mT maximum variation
• Protection features:
– Output short-circuit protection
– Output current limitation
– Overtemperature protection
• Open-drain output (15-mA sink)
• Wide operating temperature range:
– –40°C to 125°C
• Small package and footprint:
– Surface mount 3-pin SOT-23
• 2.92 mm × 1.30 mm

Applications
• Cordless power tools
• Vacuum robot
• Computer fan
• Valve and solenoid status
• Industrial brushless DC motors




Similar Part No. - TMAG5115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5115 TI-TMAG5115 Datasheet
1,007Kb / 26P
TMAG5115 High-Speed, Low Jitter, Hall-Effect Latch
DECEMBER 2022
TMAG5115 TI2-TMAG5115 Datasheet
1,010Kb / 27P
TMAG5115 High-Speed, Low Jitter, Hall-Effect Latch
REVISED AUGUST 2024
TMAG5115A1C TI2-TMAG5115A1C Datasheet
1,010Kb / 27P
TMAG5115 High-Speed, Low Jitter, Hall-Effect Latch
REVISED AUGUST 2024
TMAG5115A1CQDBZR TI2-TMAG5115A1CQDBZR Datasheet
1,010Kb / 27P
TMAG5115 High-Speed, Low Jitter, Hall-Effect Latch
REVISED AUGUST 2024
TMAG5115A1CQDBZR.A TI2-TMAG5115A1CQDBZR.A Datasheet
1,010Kb / 27P
TMAG5115 High-Speed, Low Jitter, Hall-Effect Latch
REVISED AUGUST 2024
More results


Similar Description - TMAG5115

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1 SII-S-57M1 Datasheet
947Kb / 16P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Feeling Technology Corp...
FS177 FEELING-FS177 Datasheet
225Kb / 10P
Low Voltage Hall Effect Latch
logo
Texas Instruments
TMAG5115 TI-TMAG5115 Datasheet
1,007Kb / 26P
TMAG5115 High-Speed, Low Jitter, Hall-Effect Latch
DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com