Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA325 Datasheet (PDF) - ATMEL Corporation

ATMEGA325 Datasheet PDF - ATMEL Corporation
Part # ATMEGA325
Download  ATMEGA325 Download
File Size   2727.3 Kbytes
Page   347 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with In-System Programmable Flash

ATMEGA325 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA325 Datasheet PDF - ATMEL Corporation

Part # ATMEGA325
Download  ATMEGA325 Click to download

File Size   2727.3 Kbytes
Page   347 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with In-System Programmable Flash

ATMEGA325 Datasheet (HTML) - ATMEL Corporation


ATMEGA325 Product details

Overview
The ATmega325/3250/645/6450 provides the following features: 32/64K bytes of In-System Programmable Flash with Read-While-Write capabilities, 1/2K bytes EEPROM, 2/4K byte SRAM, 54/69 general purpose I/O lines, 32 general purpose working registers, a JTAG interface for Boundary-scan, On-chip Debugging support and programming, three flexible Timer/Counters with compare modes, internal and external interrupts, a serial programmable USART, Universal Serial Interface with Start Condition Detector, an 8-channel, 10-bit ADC, a programmable Watchdog Timer with internal Oscillator, an SPI serial port, and five software selectable power saving modes.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 130 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 16 MIPS Throughput at 16 MHz
   – On-Chip 2-cycle Multiplier
• High Endurance Non-volatile Memory Segments
   – In-System Self-programmable Flash Program Memory
• 32K Bytes (ATmega325/ATmega3250)
• 64K Bytes (ATmega645/ATmega6450)
   – EEPROM
• 1K bytes (ATmega325/ATmega3250)
• 2K bytes (ATmega645/ATmega6450)
   – Internal SRAM
• 2K bytes (ATmega325/ATmega3250)
• 4K bytes (ATmega645/ATmega6450)
   – Write/Erase Cycles: 10,000 Flash/ 100,000 EEPROM
   – Data retention: 20 years at 85°C/100 years at 25°C(1)
   – Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 compliant) Interface
   – Boundary-scan Capabilities According to the JTAG Standard
   – Extensive On-chip Debug Support
   – Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
   – Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
   – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode
   – Real Time Counter withSeparate Oscillator
   –Four PWM Channels
   – 8-channel, 10-bit ADC
   – Programmable Serial USART
   – Master/Slave SPI Serial Interface
   – Universal Serial Interface with Start Condition Detector
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
   – Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – Internal Calibrated Oscillator
   – External and Internal Interrupt Sources
   – Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and Standby
• I/O and Packages
   – 53/68 Programmable I/O Lines
   – 64-lead TQFP, 64-pad QFN/MLF, and 100-lead TQFP
• Speed Grade:
   – ATmega325V/ATmega3250V/ATmega645V/ATmega6450V:
• 0 - 4 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V
   – ATmega325/3250/645/6450:
• 0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V
• Temperature range:
   – -40°C to 85°C Industrial
• Ultra-Low Power Consumption
   – Active Mode:
     1 MHz, 1.8V: 350 µA
     32 kHz, 1.8V: 20 µA (including Oscillator)
   – Power-down Mode: 100 nA at 1.8V




Similar Part No. - ATMEGA325

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325 ATMEL-ATMEGA325 Datasheet
322Kb / 27P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
3Mb / 353P
8-bit Microcontroller with In-System Programmable Flash
ATmega325 ATMEL-ATmega325 Datasheet
780Kb / 29P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
6Mb / 362P
High Endurance Non-volatile Memory Segments
ATMEGA325-16AI ATMEL-ATMEGA325-16AI Datasheet
322Kb / 27P
8-bit Microcontroller with In-System Programmable Flash
More results


Similar Description - ATMEGA325

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_06 Datasheet
329Kb / 28P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_06 Datasheet
322Kb / 27P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
8-bit Microcontroller with 32KBytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com