Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5032BCCZN Datasheet (PDF) - Analog Devices

ADRF5032BCCZN Datasheet PDF - Analog Devices
Part # ADRF5032BCCZN
Download  ADRF5032BCCZN Download
File Size   668.51 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GHz to 60 GHz, Reflective, Silicon SPDT Switch

ADRF5032BCCZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5032BCCZN Datasheet PDF - Analog Devices

Part # ADRF5032BCCZN
Download  ADRF5032BCCZN Click to download

File Size   668.51 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GHz to 60 GHz, Reflective, Silicon SPDT Switch

ADRF5032BCCZN Datasheet (HTML) - Analog Devices


ADRF5032BCCZN Product details

GENERAL DESCRIPTION
The ADRF5032 is a reflective, single-pole double-throw (SPDT)
switch manufactured using the silicon process. The ADRF5032
operates from 1 GHz to 60 GHz with insertion loss of lower than 2.0
dB and isolation of higher than 32 dB. The device has a RF input
power handling capability of 24 dBm for both through paths and 21
dBm for hot switching.
The ADRF5032 requires dual supply voltages of ±3.3 V. The device
employs CMOS and low-voltage transistor logic (LVTTL) compatible
control.
The ADRF5032 is packaged in a 12-terminal, 2.5 mm × 2.5 mm,
RoHS-compliant, land grid array (LGA). The ADRF5032 operates
from −40°C to +105°C.

FEATURES
► Ultra-wideband frequency range: 1 GHz to 60 GHz
► Reflective design
► Low insertion loss
► 1.3 dB typical up to 40 GHz
► 1.9 dB typical up to 55 GHz
► 2.0 dB typical up to 60 GHz
► High isolation
► 43 dB typical up to 40 GHz
► 37 dB typical up to 55 GHz
► 32 dB typical up to 60 GHz
► High input linearity
► P0.1dB: 24 dBm typical
► IP3: 45 dBm typical
► High-RF power handling
► Through path: 24 dBm
► Hot switching path: 21 dBm
► CMOS/LVTTL compatible
► No low-frequency spur
► RF switching time: 15 ns
► RF settling time (50% VCTRL to 0.1 dB of RF output): 35 ns
► Dual-supply operation: ±3.3 V
► 12-terminal, 2.5 mm × 2.5 mm, RoHS-compliant, LGA package

APPLICATIONS
► Industrial scanners
► Test and instrumentation
► Cellular infrastructure: 5G mmWave
► Military radios, radars, electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5032BCCZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5030 AD-ADRF5030 Datasheet
739Kb / 13P
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
ADRF5030-EVALZ AD-ADRF5030-EVALZ Datasheet
739Kb / 13P
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
ADRF5030BCCZN AD-ADRF5030BCCZN Datasheet
739Kb / 13P
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
ADRF5030BCCZN-R7 AD-ADRF5030BCCZN-R7 Datasheet
739Kb / 13P
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
ADRF5031 AD-ADRF5031 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
More results


Similar Description - ADRF5032BCCZN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML017 MACOM-MASWML017 Datasheet
74Kb / 1P
SPDT Reflective Switch 10.5 to 13.5 GHz
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
DC-40 GHz SPDT Reflective Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
HMC986A AD-HMC986A Datasheet
324Kb / 11P
0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
7/2019-Rev. A to Rev. B
ADH347S AD-ADH347S Datasheet
218Kb / 7P
DC to 14 GHz SPDT Non-Reflective Switch
Rev. A
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com