Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX25069 Datasheet (PDF) - Analog Devices

MAX25069 Datasheet PDF - Analog Devices
Part # MAX25069
Download  MAX25069 Download
File Size   1600.32 Kbytes
Page   75 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive, I2C-Controlled, 6-Channel, 150mA Backlight Driver and 4-Output TFT-LCD Bias

MAX25069 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25069 Datasheet PDF - Analog Devices

Part # MAX25069
Download  MAX25069 Click to download

File Size   1600.32 Kbytes
Page   75 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive, I2C-Controlled, 6-Channel, 150mA Backlight Driver and 4-Output TFT-LCD Bias

MAX25069 Datasheet (HTML) - Analog Devices


MAX25069 Product details

General Description
The MAX25069 is a highly integrated TFT power supply
and LED backlight driver IC for automotive TFT-LCD applications.
This IC integrates one boost converter, one
inverting buck-boost converter, two gate-driver supplies,
and a boost/SEPIC controller that can power 1 to 6 strings
of LEDs in the display backlight.
The source-driver power supplies consist of a boost converter
which can provide up to +18V in unipolar mode
and an inverting buck-boost converter that can generate
a voltage down to -10.5V. The AVDD output can deliver
up to 300mA at 13.5V, while NAVDD can provide up to
200mA. The positive source-driver supply-regulation voltage
(VAVDD) is set using internal NV memory or through
I2C. The negative source-driver supply voltage (VNAVDD)
is always tightly regulated to -VAVDD. The source-driver
supplies operate from an input voltage between 2.65V and
5.5V.
The gate-driver power supplies consist of regulated
charge pumps that generate up to +31.5V and down to
-18V and can deliver up to 15mA each.
The IC features a 6-string LED driver with input switch
control (NGATE) that can power up to 6 strings of LEDs
with 150mA (max) of current per string.
Logic-controlled and I2C-controlled pulse-width modulation
(PWM) dimming are included, with minimum pulse
widths as low as 300ns and the option of phase shifting
the LED strings with respect to one another. When phase
shifting is enabled, each string is turned on at a different
time, reducing the input and output ripple, as well as audible
noise. With phase shifting disabled, the current sinks
turn on simultaneously and parallel connection of current
sinks is possible.
The startup and shutdown sequences for all power domains
are controlled using one of the eight preset modes,
which are selectable using internal nonvolatile memory or
through the I2C interface.
The MAX25069 is available in a 7mm x 7mm, 48-pin
TQFN package with an exposed pad, and operates over
the -40°C to +125°C ambient temperature range.

Benefits and Features
● 4-Output TFT-LCD Bias Power
• 2.65V to 5.5V Input for the TFT-LCD Section
• Integrated 420kHz or 2.1MHz Boost and Buck-
Boost Converters
• Positive and Negative 15mA Gate Voltage
Regulators with Adjustable Output Voltage (Tripler/
Inverting Doubler)
• Flexible Sequencing
• Undervoltage Detection on All Outputs
• Low-Quiescent-Current Standby Mode
● 6-Channel, 36V LED Backlight Driver
• NGATE Control for External nMOSFET Series
Switch
• Programmable nMOSFET Current Limit
• Up to 150mA Current per Channel
• 4.5V to 36V Input Voltage Range, 3V Operation
after Startup
• Integrated Boost/SEPIC Controller (400kHz to
2.2MHz with Synchronization)
• Dimming Ratio 16,667:1 at 200Hz
• Adaptive Voltage Optimization to Reduce Power
Dissipation in the LED Current Sinks
• Open-String, Shorted-LED, and Short-to-GND
Diagnostics
● Low EMI
• Phase-Shift Dimming of LED Strings
• Spread Spectrum on LED Driver and TFT
• Selectable Switching Frequency
● I2C Interface for Control and Diagnostics
• Fault Indication through the FLTB Pin and I2C
• Nonvolatile Configuration Memory
● Overload and Thermal Protection
● -40°C to +125°C Ambient Temperature Operation
● 48-Pin, 7mm x 7mm TQFN Package with Exposed Pad
● AEC-Q100 Grade 1

Applications
● Automotive Dashboards
● Automotive Central Information Displays
● Automotive Head-Up Displays
● Automotive Navigation Systems




Similar Part No. - MAX25069

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
MAX25014 MAXIM-MAX25014 Datasheet
936Kb / 46P
Automotive Low Input Voltage I2C 4-Channel 150mA Backlight Driver
2020
MAX25014ATG/V+ MAXIM-MAX25014ATG/V+ Datasheet
936Kb / 46P
Automotive Low Input Voltage I2C 4-Channel 150mA Backlight Driver
2020
MAX25014ATG/VY+ MAXIM-MAX25014ATG/VY+ Datasheet
936Kb / 46P
Automotive Low Input Voltage I2C 4-Channel 150mA Backlight Driver
2020
MAX250C/D MAXIM-MAX250C/D Datasheet
416Kb / 12P
5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Similar Description - MAX25069

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Global Mixed-mode Techn...
G5565 GMT-G5565 Datasheet
122Kb / 1P
Quad-Output TFT LCD Bias Power
logo
Texas Instruments
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
Complete LCD Backlight and Bias Power
logo
Maxim Integrated Produc...
MAX20446B MAXIM-MAX20446B Datasheet
1Mb / 47P
Automotive 6-Channel Backlight Driver with Boost/SEPIC Controller, Hybrid Dimming and I2C Interface
Rev 1; 1/21
MAX20069B MAXIM-MAX20069B Datasheet
945Kb / 57P
Automotive I2C-Controlled 4-Channel 150mA Backlight Driver and 4-Output TFT-LCD Bias
Rev 0; 9/20
MAX20069 MAXIM-MAX20069 Datasheet
202Kb / 2P
Automotive I2C-Controlled 4-Channel 150mA Backlight Driver and 4-Output TFT-LCD Bias
MAX25014 MAXIM-MAX25014 Datasheet
936Kb / 46P
Automotive Low Input Voltage I2C 4-Channel 150mA Backlight Driver
2020
MAX20069B MAXIM-MAX20069B_V01 Datasheet
1Mb / 56P
Automotive I2C-Controlled 4-Channel 150mA
2021
MAX20444B MAXIM-MAX20444B Datasheet
1Mb / 41P
Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
logo
Analog Devices
MAX25169 AD-MAX25169 Datasheet
1Mb / 78P
Automotive, I2C-Controlled, 6-Channel, 150mA Backlight Driver and 4-Output TFT-LCD Bias with ASIL B Features
Rev 0; 9/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com