Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77837 Datasheet (PDF) - Analog Devices

MAX77837 Datasheet PDF - Analog Devices
Part # MAX77837
Download  MAX77837 Download
File Size   1163.41 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5V Input, 0.4A/1.05A Switching Current Buck-Boost Converter with 400nA IQ

MAX77837 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77837 Datasheet PDF - Analog Devices

Part # MAX77837
Download  MAX77837 Click to download

File Size   1163.41 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5V Input, 0.4A/1.05A Switching Current Buck-Boost Converter with 400nA IQ

MAX77837 Datasheet (HTML) - Analog Devices


MAX77837 Product details

General Description
The MAX77837 is the industry's smallest nanoPower
buck-boost converter optimized for single-cell battery
chemistries that are used in wearable and Internet of
Things (IoT) applications.
The converter operates on an input supply between 1.8V
to 5.5V. Output voltages between 1.8V to 5.2V are set
through resistors connected to two hardware control pins.
The IC can operate in Continuous Conduction Mode
(CCM), Skip Mode, and a Low-Power Mode to ensure high
efficiency over a wide load current range. In addition, the
IC features an ultra-low quiescent current of 430nA
(typical) and a shutdown current of 10nA (typical), making
it ideal for battery-powered applications requiring a long
standby time.
The MAX77837 offers two unique hardware control pins,
SEL1 and SEL2. The resistor connected at SEL1 (RSEL1)
selects a predefined combination of two output voltages
between 1.8V to 5.2V, OUT1 and OUT2. The resistor
connected at SEL2 (RSEL2) allows two different
configurations of switch current limit at 1050mA and
400mA to optimize external component size, enable or
disable Dynamic Voltage Scaling (DVS) function, and
select either hiccup or latch-off mode during a hard short
event. RSEL2 can also configure the startup voltage as
OUT1 or OUT2, and the DVS function can change the
output voltage from a lower VOUT to a higher VOUT as
required without powering down the part.
The MAX77837 is available in both a 1.84mm x 1.03mm,
8-bump wafer-level package (WLP) with a bump pitch of
0.4mm and a 2.5mm x 2.0mm, 8-lead Flip Chip QFN
package (FC2QFN).

Benefits and Features
• 1.8V to 5.5V Input Voltage
• Output Voltages Combination from 1.8V to 5.2V
• Peak Efficiency of 95% (5.5VIN, 3.8VOUT)
• 430nA Typical Quiescent current
• 10nA Shutdown Current
• RSEL Configurations
• OUT1 and OUT2
• 1.05A or 0.4A Switch Current Limit
• DVS Function On or Off
• Hiccup or Latch-Off Mode
• Protections Features
• Input Undervoltage Lockout (UVLO)
• Overcurrent protection (OCP)
• Thermal Shutdown
• 1.84mm x 1.03mm, 8-Bump WLP
• 2.5mm x 2.0mm, 8-Lead FC2QFN

Applications
• LPWAN SoC Companion Power Solution
• IoT and Wearable Applications
• Asset Trackers
• Smart Meters




Similar Part No. - MAX77837

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77831WEVKIT MAXIM-MAX77831WEVKIT Datasheet
2Mb / 18P
Proven PCB Reference Design and Layout Benefit
Rev 0; 9/20
MAX77839 MAXIM-MAX77839 Datasheet
948Kb / 23P
5.5V Input, 4.4A/3.6A Switching Current 6關A IQ Buck-Boost Converter
2021
MAX77839AEFQ+T MAXIM-MAX77839AEFQ+T Datasheet
948Kb / 23P
5.5V Input, 4.4A/3.6A Switching Current 6關A IQ Buck-Boost Converter
2021
MAX77839AEWL+T MAXIM-MAX77839AEWL+T Datasheet
948Kb / 23P
5.5V Input, 4.4A/3.6A Switching Current 6關A IQ Buck-Boost Converter
2021
MAX77839BEFQ+T MAXIM-MAX77839BEFQ+T Datasheet
948Kb / 23P
5.5V Input, 4.4A/3.6A Switching Current 6關A IQ Buck-Boost Converter
2021
More results


Similar Description - MAX77837

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77827 MAXIM-MAX77827 Datasheet
998Kb / 23P
5.5V Input, 1.8A/3.1A Switch Buck-Boost Converter with 6關A IQ
2021
MAX77839 MAXIM-MAX77839 Datasheet
948Kb / 23P
5.5V Input, 4.4A/3.6A Switching Current 6關A IQ Buck-Boost Converter
2021
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
logo
Analog Devices
MAX77847 AD-MAX77847 Datasheet
2Mb / 37P
5.5V Input, 4.5A Switching Current High Efficiency Buck-Boost Converter
19-101705; Rev 0; 9/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com