Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1281DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1281DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1281DI
Download  AOZ1281DI Download
File Size   1055.33 Kbytes
Page   12 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck™ 1.8 A Simple Buck Regulator

AOZ1281DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1281DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1281DI
Download  AOZ1281DI Click to download

File Size   1055.33 Kbytes
Page   12 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck™ 1.8 A Simple Buck Regulator

AOZ1281DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1281DI Product details

General Description
The AOZ1281 is a high efficiency, simple to use, 1.8 A
buck regulator flexible enough to be optimized for a
variety of applications. The AOZ1281 works from a 3 V to
26 V input voltage range, and provides up to 1.8 A of
continuous output current. The output voltage is
adjustable down to 0.8 V. The fixed switching frequency
of 1.5 MHz PWM operation reduces inductor size.

Features
3 V to 26 V operating input voltage range
240 mΩ internal NMOS
High efficiency: up to 95 %
Internal compensation
1.8 A continuous output current
Fixed 1.5 MHz PWM operation
Internal soft start
Output voltage adjustable down to 0.8 V
Cycle-by-cycle current limit
Short-circuit protection
Thermal shutdown
Small size: DFN 2x2, 8L

Applications
Point of load DC/DC conversion
Set top boxes
DVD drives and HDD
LCD Monitors & TVs
Cable modems
Telecom/Networking/Datacom equipment




Similar Part No. - AOZ1281DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1281DI AOSMD-AOZ1281DI Datasheet
648Kb / 12P
EZBuck??1.8 A Simple Buck Regulator
More results


Similar Description - AOZ1281DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
EZBuck??1.2 A Simple Buck Regulator
AOZ1281DI AOSMD-AOZ1281DI Datasheet
648Kb / 12P
EZBuck??1.8 A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
AOZ1282CI-2 AOSMD-AOZ1282CI-2 Datasheet
957Kb / 13P
EZBuck™ 600mA Simple Buck Regulator
Rev. 1.1 April 2022
AOZ1283 AOSMD-AOZ1283 Datasheet
1Mb / 15P
EZBuck™ 2.5A Simple Buck Regulator
Rev. 1.0 May 2014
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com