Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1332083 Datasheet (PDF) - PHOENIX CONTACT

1332083 Datasheet PDF - PHOENIX CONTACT
Part # 1332083
Download  1332083 Download
File Size   174.23 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HDMI cable - NBC-HDMI-HAM/3,0-PVC/HAM

1332083 Datasheet (PDF)

Go To PDF Page Download Datasheet
1332083 Datasheet PDF - PHOENIX CONTACT

Part # 1332083
Download  1332083 Click to download

File Size   174.23 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HDMI cable - NBC-HDMI-HAM/3,0-PVC/HAM

1332083 Datasheet (HTML) - PHOENIX CONTACT


1332083 Product details

HDMI cable, degree of protection: IP20, cable length: 3 m, number of positions: 19, 18 Gbps,
material: LCP, HDMI High Speed

Your advantages
• HDMI high-speed patch cables
• Integrated network transmission thanks to HDMI Ethernet channel
• Reliable transmission of 4K videos




Similar Part No. - 1332083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1332081 PHOENIX-1332081 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/1,5-PVC/HAM
1332082 PHOENIX-1332082 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/2,0-PVC/HAM
1332084 PHOENIX-1332084 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/5,0-PVC/HAM
1332086 PHOENIX-1332086 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/7,5-PVC/HAM
More results


Similar Description - 1332083

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
LINEFILTER VICOR-LINEFILTER Datasheet
247Kb / 2P
For use with VI-HAM
logo
PHOENIX CONTACT
1332077 PHOENIX-1332077 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/0,3-PVC/HAM
1332078 PHOENIX-1332078 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/0,5-PVC/HAM
1332079 PHOENIX-1332079 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/1,0-PVC/HAM
1332081 PHOENIX-1332081 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/1,5-PVC/HAM
1332082 PHOENIX-1332082 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/2,0-PVC/HAM
1332084 PHOENIX-1332084 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/5,0-PVC/HAM
1332086 PHOENIX-1332086 Datasheet
174Kb / 4P
HDMI cable - NBC-HDMI-HAM/7,5-PVC/HAM
1333140 PHOENIX-1333140 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/3,0-PVC/UAM
1333157 PHOENIX-1333157 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/3,0-PVC/UAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com