Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2701518 Datasheet (PDF) - PHOENIX CONTACT

2701518 Datasheet PDF - PHOENIX CONTACT
Part # 2701518
Download  2701518 Download
File Size   1269.93 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E PN DI8 DO4 2A M12 6M

2701518 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701518 Datasheet PDF - PHOENIX CONTACT

Part # 2701518
Download  2701518 Click to download

File Size   1269.93 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E PN DI8 DO4 2A M12 6M

2701518 Datasheet (HTML) - PHOENIX CONTACT


2701518 Product details

Axioline E, Digital I/O device, PROFINET, M12 fast connection technology, Digital inputs: 8, 24
V DC, connection technology: 4-conductor, Digital outputs: 4, 24 V DC, connection
technology: 3-conductor, Metal housing, degree of protection: IP65/IP67

Product Description
The Axioline E device is designed for use within a PROFINET network. It is used to acquire and output digital signals. The device is designed for
use in systems manufacturing. The device is suitable for use without a control cabinet in harsh industrial ambient conditions. The Axioline E device
can be used on tool platforms, directly on welding robots or in conveying technology, for example.

Your advantages
• Connection to PROFINET network using M12 connectors (D-coded)
• Transmission speed of 100 Mbps
• Connection of digital sensors and actuators using M12connectors (A-coded)
• Diagnostic and status indicators
• Short-circuit and overload protection of the sensor supply
• IP65/IP67 degree of protection




Similar Part No. - 2701518

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701510 PHOENIX-2701510 Datasheet
1Mb / 31P
Digital module - AXL E PN DI16 M12 6P
Dec 9, 2022
2701511 PHOENIX-2701511 Datasheet
1Mb / 31P
Digital module - AXL E PN DIO16 M12 6P
Dec 9, 2022
2701512 PHOENIX-2701512 Datasheet
1Mb / 31P
Digital module - AXL E PN DI8 DO4 2A M12 6P
Dec 9, 2022
2701513 PHOENIX-2701513 Datasheet
199Kb / 19P
Distributed I/O device - AXL E PN IOL8 DI4 M12 6P
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
More results


Similar Description - 2701518

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8423 PHOENIX-8423 Datasheet
340Kb / 28P
AXL E EIP DI8 DO4 2A M12 6M
8433 PHOENIX-8433 Datasheet
291Kb / 18P
AXL E PB DI8 DO4 2A M12 6M
8444 PHOENIX-8444 Datasheet
302Kb / 18P
AXL E PN DI8 DO4 2A M12 6M
8449 PHOENIX-8449 Datasheet
301Kb / 18P
AXL E PN DI8 DO4 2A M12 6P
8538 PHOENIX-8538 Datasheet
334Kb / 25P
AXL E EC DI8 DO4 2A M12 6M
8548 PHOENIX-8548 Datasheet
321Kb / 22P
AXL E ETH DI8 DO4 2A M12 6M
8558 PHOENIX-8558 Datasheet
323Kb / 23P
AXL E S3 DI8 DO4 2A M12 6M
1293246 PHOENIX-1293246 Datasheet
707Kb / 11P
Digital module - AXL E IOL DI8 DO4/4 EF M12 6M
Nov 16, 2022
2701512 PHOENIX-2701512 Datasheet
1Mb / 31P
Digital module - AXL E PN DI8 DO4 2A M12 6P
Dec 9, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com