Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-C110 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSMS-C110 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSMS-C110
Download  HSMS-C110 Download
File Size   310.99 Kbytes
Page   13 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Surface Mount Chip LEDs

HSMS-C110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMS-C110 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSMS-C110
Download  HSMS-C110 Click to download

File Size   310.99 Kbytes
Page   13 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Surface Mount Chip LEDs

HSMS-C110 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSMS-C110 Product details

Description
These chip LEDs are designed in an industry standard package for ease of handling and use. Various different LED colors are available in nine compact, single color packages.

Features
• Small Size
• Industry Standard Footprint
• Compatible with IR Solder
• Diffused Optics
• Operating Temperature Range of -30°C to +85°C
• Right Angle & Reverse Mount Package Available
• Various Colors Available
• Available in 8 mm Tape on 7 in. (178 mm) Diameter Reels

Applications
• Keypad Backlighting
• Push-Button Backlighting
• LCD Backlighting
• Symbol Backlighting
• Front Panel Indicator




Similar Part No. - HSMS-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-C110 HP-HSMS-C110 Datasheet
260Kb / 8P
Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-C110 AVAGO-HSMS-C110 Datasheet
128Kb / 12P
Surface Mount Chip LEDs
More results


Similar Description - HSMS-C110

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
Surface Mount Chip LEDs
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com