Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS628303 Datasheet (PDF) - Texas Instruments

TPS628303 Datasheet PDF - Texas Instruments
Part # TPS628303
Download  TPS628303 Download
File Size   3135.28 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS628303, 2.25-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in Small WQFN and SOT583 Packages

TPS628303 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS628303 Datasheet PDF - Texas Instruments

Part # TPS628303
Download  TPS628303 Click to download

File Size   3135.28 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS628303, 2.25-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in Small WQFN and SOT583 Packages

TPS628303 Datasheet (HTML) - Texas Instruments


TPS628303 Product details

1 Features
• 2.25-V to 5.5-V input voltage range
• 0.5-V to 4.5-V adjustable output voltage
• 1% FB voltage accuracy (–40°C to 125°C TJ)
• 2.0-MHz switching frequency
• 35-mΩ and 18-mΩ internal power MOSFETs
• DCS-Control topology
• Optimized EMI performance
• Facilitates CISPR 11/32 compliance
– Integrated on-chip noise-filtering capacitors
– Measurements according to CISPR available
• Excellent transient response
• MODE pin for conduction mode selection
• Supports 1.2-V GPIO
• 100% duty cycle for lowest dropout
• Active output discharge
• Power-good output
• Thermal shutdown protection
• Hiccup or latch-off OCP/OVP
• PSpice and SIMPLIS models available
• Create a custom design using the TPS628303 with
WEBENCH® Power Designer

2 Applications
• Solid state drive
• Portable electronics
• Analog security and IP network cameras
• Industrial PC
• Factory automation and control
• ASIC, SoC, and MCU supply
• Generic point of load

3 Description
The TPS628303 is an easy-to-use synchronous stepdown
DC-DC converters family with low quiescent
current. Based on the DCS-Control topology,
TPS628303 provides a fast transient response with
small output capacitance. The internal reference
allows to regulate the output voltage down to 0.5 V
with a high feedback voltage accuracy of 1% over the
junction temperature range of –40°C to 125°C. The
family is available in two packages and each package
devices are pin-to-pin compatible.
The TPS628303 has a MODE pin to control
the device mode of operation. Power save mode
maintains high efficiency down to very light loads for
extending the system battery run-time. Forced-PWM
mode maintains a continuous conduction mode to
ensure the least ripple in the output voltage and a
quasi-fixed switching frequency. The device features a
Power-Good signal and a well-controlled internal soft
start circuit. TPS628303 is able to operate in 100%
mode. For fault protection, TPS628303 incorporates
a HICCUP short-circuit protection as well as a
thermal shutdown. One device option has a latch-off
protection for short circuit as well as overvoltage
incidents. The family is available in two packages:
an 8-pin 1.0-mm × 2.0-mm QFN package, offering
the highest power density solution, and an 8-pin 1.6-
mm × 2.1-mm SOT583 package, offering an easy-toassemble
solutions.




Similar Part No. - TPS628303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS628303 TI1-TPS628303 Datasheet
3Mb / 38P
TPS62830x, 2.25-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-Down Converter With 1% Output Accuracy in Small WQFN and SOT583 Packages
REVISED OCTOBER 2023
TPS628303 TI1-TPS628303 Datasheet
3Mb / 41P
TPS62830x, 2.25V to 5.5V Input, 1, 2, 3, 4A Step-Down Converter With 1% Output Accuracy in Small WQFN and SOT583 Packages
MARCH 2024
TPS628303ADRLR TI1-TPS628303ADRLR Datasheet
3Mb / 38P
TPS62830x, 2.25-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-Down Converter With 1% Output Accuracy in Small WQFN and SOT583 Packages
REVISED OCTOBER 2023
TPS628303ADRLR TI1-TPS628303ADRLR Datasheet
3Mb / 41P
TPS62830x, 2.25V to 5.5V Input, 1, 2, 3, 4A Step-Down Converter With 1% Output Accuracy in Small WQFN and SOT583 Packages
MARCH 2024
TPS628303ARZER TI1-TPS628303ARZER Datasheet
3Mb / 38P
TPS62830x, 2.25-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-Down Converter With 1% Output Accuracy in Small WQFN and SOT583 Packages
REVISED OCTOBER 2023
More results


Similar Description - TPS628303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62821 TI1-TPS62821 Datasheet
1Mb / 29P
2.4-V to 5.5-V, 1-, 2-, 3-A Step-Down Converter with 1% Accuracy
TPS62821 TI1-TPS62821_18 Datasheet
2Mb / 34P
2.4-V to 5.5-V, 1-, 2-, 3-A Step-Down Converter with 1% Accuracy
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62825 TI-TPS62825_V02 Datasheet
2Mb / 32P
TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A Step-Down Converter in SOT583 Package
MARCH 2021
TPS62825 TI-TPS62825_V03 Datasheet
2Mb / 34P
TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
SEPTEMBER 2021
TPS62824 TI-TPS62824 Datasheet
2Mb / 34P
TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy
MARCH 2022
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPSM828303 TI1-TPSM828303 Datasheet
2Mb / 33P
TPSM828303, 2.25-V to 5.5-V input, 1-, 2-, 3-A Step-Down Power Module With Integrated Inductor
JULY 2023
TPS628301 TI1-TPS628301 Datasheet
3Mb / 38P
TPS62830x, 2.25-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-Down Converter With 1% Output Accuracy in Small WQFN and SOT583 Packages
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com