Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1333158 Datasheet (PDF) - PHOENIX CONTACT

1333158 Datasheet PDF - PHOENIX CONTACT
Part # 1333158
Download  1333158 Download
File Size   177.04 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USB cable - NBC-USB3.0-UAM/0,3-PVC/UCM

1333158 Datasheet (PDF)

Go To PDF Page Download Datasheet
1333158 Datasheet PDF - PHOENIX CONTACT

Part # 1333158
Download  1333158 Click to download

File Size   177.04 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USB cable - NBC-USB3.0-UAM/0,3-PVC/UCM

1333158 Datasheet (HTML) - PHOENIX CONTACT


1333158 Product details

USB cable, design: USB-A, degree of protection: IP20, cable length: 0.3 m, number of positions:
9, cable outlet: straight, USB 3.2 Gen. 1

Your advantages
• High-speed data transmission up to 5 Gbps
• Minimal space requirements thanks to USB-C connectors
• Reliable data transmission thanks to 100 % testing




Similar Part No. - 1333158

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1333150 PHOENIX-1333150 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/0,5-PVC/UAM
1333151 PHOENIX-1333151 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/1,0-PVC/UAM
1333153 PHOENIX-1333153 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/1,5-PVC/UAM
1333155 PHOENIX-1333155 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/1,8-PVC/UAM
1333156 PHOENIX-1333156 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/2,0-PVC/UAM
More results


Similar Description - 1333158

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1333148 PHOENIX-1333148 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/0,3-PVC/UAM
1333160 PHOENIX-1333160 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/0,5-PVC/UCM
1333165 PHOENIX-1333165 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/1,0-PVC/UCM
1333166 PHOENIX-1333166 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/1,5-PVC/UCM
1333185 PHOENIX-1333185 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/1,8-PVC/UCM
1333187 PHOENIX-1333187 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/2,0-PVC/UCM
1333190 PHOENIX-1333190 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/3,0-PVC/UCM
1333194 PHOENIX-1333194 Datasheet
176Kb / 5P
USB cable - NBC-USB3.1-UCM/0,3-PVC/UCM
1333213 PHOENIX-1333213 Datasheet
176Kb / 5P
USB cable - NBC-USB3.0-UCM/2,0-PVC/UCM
1333214 PHOENIX-1333214 Datasheet
176Kb / 5P
USB cable - NBC-USB3.0-UCM/3,0-PVC/UCM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com