Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1963531 Datasheet (PDF) - PHOENIX CONTACT

1963531 Datasheet PDF - PHOENIX CONTACT
Part # 1963531
Download  1963531 Download
File Size   428.4 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCV 0,5/ 2-G-2,5 THT

1963531 Datasheet (PDF)

Go To PDF Page Download Datasheet
1963531 Datasheet PDF - PHOENIX CONTACT

Part # 1963531
Download  1963531 Click to download

File Size   428.4 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCV 0,5/ 2-G-2,5 THT

1963531 Datasheet (HTML) - PHOENIX CONTACT


1963531 Product details

PCB headers, nominal cross section: 0.5 mm2, color: black, nominal current: 4 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Male connector, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: MCV 0,5/..-
G-THT, pitch: 2.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 3.5
mm, number of solder pins per potential: 1, plug-in system: COMBICON FK-MC 0,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard, For user information and design recommendations for through-hole reflow
technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1963531

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1963502 PHOENIX-1963502 Datasheet
516Kb / 13P
PCB header - MC 0,5/10-G-2,5 THT
1963515 PHOENIX-1963515 Datasheet
497Kb / 12P
MC 0,5/11-G-2,5 THT - PCB header
1963544 PHOENIX-1963544 Datasheet
149Kb / 10P
Feed-through header - MCV 0,5/ 3-G-2,5 THT
09/12/2020
1963557 PHOENIX-1963557 Datasheet
155Kb / 8P
Feed-through header - MCV 0,5/ 4-G-2,5 THT
1963573 PHOENIX-1963573 Datasheet
454Kb / 10P
MCV 0,5/ 6-G-2,5 THT - PCB header
More results


Similar Description - 1963531

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1881558 PHOENIX-1881558 Datasheet
136Kb / 4P
MCV 0,5/ 2-G-2,5
1963557 PHOENIX-1963557 Datasheet
155Kb / 8P
Feed-through header - MCV 0,5/ 4-G-2,5 THT
1963544 PHOENIX-1963544 Datasheet
149Kb / 10P
Feed-through header - MCV 0,5/ 3-G-2,5 THT
09/12/2020
1939303 PHOENIX-1939303 Datasheet
515Kb / 12P
PCB header - MC 0,5/ 8-G-2,5 THT
Jan 3, 2023
1963609 PHOENIX-1963609 Datasheet
427Kb / 11P
PCB header - MCV 0,5/ 9-G-2,5 THT
1963421 PHOENIX-1963421 Datasheet
514Kb / 12P
PCB header - MC 0,5/ 2-G-2,5 THT
1963434 PHOENIX-1963434 Datasheet
514Kb / 12P
PCB header - MC 0,5/ 3-G-2,5 THT
1963463 PHOENIX-1963463 Datasheet
514Kb / 12P
PCB header - MC 0,5/ 6-G-2,5 THT
1963586 PHOENIX-1963586 Datasheet
511Kb / 12P
MCV 0,5/ 7-G-2,5 THT - PCB header
1963638 PHOENIX-1963638 Datasheet
508Kb / 12P
MCV 0,5/12-G-2,5 THT - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com