Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381D Datasheet (PDF) - Cypress Semiconductor

CY7C1381D Datasheet PDF - Cypress Semiconductor
Part # CY7C1381D
Download  CY7C1381D Download
File Size   469.2 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM

CY7C1381D Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1381D Datasheet PDF - Cypress Semiconductor

Part # CY7C1381D
Download  CY7C1381D Click to download

File Size   469.2 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM

CY7C1381D Datasheet (HTML) - Cypress Semiconductor


CY7C1381D Product details

Functional Description [1]
The CY7C1381D/CY7C1383D/CY7C1381F/CY7C1383F is a 3.3V, 512K x 36 and 1M x 18 synchronous flow through SRAMs, designed to interface with high-speed microprocessors with minimum glue logic. Maximum access delay from clock rise is 6.5 ns (133 MHz version). A 2-bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access.

Features
• Supports 133 MHz bus operations
• 512K × 36 and 1M × 18 common IO
• 3.3V core power supply (VDD)
• 2.5V or 3.3V IO supply (VDDQ)
• Fast clock-to-output time
   — 6.5 ns (133 MHz version)
• Provides high performance 2-1-1-1 access rate
• User selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• CY7C1381D/CY7C1383D available in JEDEC-standard
   Pb-free 100-pin TQFP, Pb-free and non Pb-free 165-ball
   FBGA package. CY7C1381F/CY7C1383F available in
   Pb-free and non Pb-free 119-ball BGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• ZZ sleep mode option




Similar Part No. - CY7C1381D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 29P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 34P
18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
1Mb / 37P
18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
1Mb / 29P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D-100AXC CYPRESS-CY7C1381D-100AXC Datasheet
1Mb / 34P
18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
More results


Similar Description - CY7C1381D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com