Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ4920EY Datasheet (PDF) - Vishay Siliconix

SQ4920EY Datasheet PDF - Vishay Siliconix
Part # SQ4920EY
Download  SQ4920EY Download
File Size   212.94 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET

SQ4920EY Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ4920EY Datasheet PDF - Vishay Siliconix

Part # SQ4920EY
Download  SQ4920EY Click to download

File Size   212.94 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET

SQ4920EY Datasheet (HTML) - Vishay Siliconix


SQ4920EY Product details

FEATURES
• TrenchFET® Power MOSFET
• AEC-Q101 qualified d
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQ4920EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4920EY VISHAY-SQ4920EY Datasheet
256Kb / 10P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
13-Aug-12
SQ4920EY VISHAY-SQ4920EY Datasheet
206Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
20-May-13
SQ4920EY VISHAY-SQ4920EY Datasheet
213Kb / 8P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
23-Apr-2021
logo
VBsemi Electronics Co.,...
SQ4920EY-T1-GE3 VBSEMI-SQ4920EY-T1-GE3 Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SQ4920EY VISHAY-SQ4920EY_15 Datasheet
256Kb / 11P
Automotive Dual N-Channel 30 V (D-S) 175 째C MOSFET
13-Aug-12
More results


Similar Description - SQ4920EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ844EP VISHAY-SQJ844EP Datasheet
156Kb / 9P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
28-Nov-11
SQ4282EY VISHAY-SQ4282EY Datasheet
260Kb / 10P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
24-Sep-12
SQ4330EY VISHAY-SQ4330EY Datasheet
255Kb / 10P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
07-Nov-11
SQ4920EY VISHAY-SQ4920EY Datasheet
256Kb / 10P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
13-Aug-12
SQ4936EY VISHAY-SQ4936EY Datasheet
257Kb / 10P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
07-Nov-11
SQ4282EY VISHAY-SQ4282EY_15 Datasheet
259Kb / 11P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
24-Sep-12
SQJ844AEP VISHAY-SQJ844AEP_15 Datasheet
227Kb / 12P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
17-Aug-15
SQJ910AEP VISHAY-SQJ910AEP_15 Datasheet
174Kb / 11P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
26-Aug-13
SQJ910AEP VISHAY-SQJ910AEP_V02 Datasheet
234Kb / 10P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
02-May-2022
SQJ914EP VISHAY-SQJ914EP_V02 Datasheet
277Kb / 10P
Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
14-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com