Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQA413CEJW Datasheet (PDF) - Vishay Siliconix

SQA413CEJW Datasheet PDF - Vishay Siliconix
Part # SQA413CEJW
Download  SQA413CEJW Download
File Size   166.23 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 20 V (D-S) 175 °C MOSFET

SQA413CEJW Datasheet (PDF)

Go To PDF Page Download Datasheet
SQA413CEJW Datasheet PDF - Vishay Siliconix

Part # SQA413CEJW
Download  SQA413CEJW Click to download

File Size   166.23 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 20 V (D-S) 175 °C MOSFET

SQA413CEJW Datasheet (HTML) - Vishay Siliconix


SQA413CEJW Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• Wettable flank terminals
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQA413CEJW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQA413CEJW VISHAY-SQA413CEJW Datasheet
167Kb / 6P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
27-Dec-2021
More results


Similar Description - SQA413CEJW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2351ES VISHAY-SQ2351ES_15 Datasheet
202Kb / 10P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Oct-12
SQ3469EV VISHAY-SQ3469EV_15 Datasheet
210Kb / 12P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
18-Jul-11
SQ2351ES VISHAY-SQ2351ES Datasheet
222Kb / 10P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Oct-12
SQ3425EV VISHAY-SQ3425EV Datasheet
271Kb / 12P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
12-Oct-15
SQA401CEJW VISHAY-SQA401CEJW_V02 Datasheet
170Kb / 6P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
08-Feb-2021
SQA407CEJW VISHAY-SQA407CEJW Datasheet
205Kb / 6P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
16-May-2022
SQ3469EV VISHAY-SQ3469EV_V02 Datasheet
293Kb / 9P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
02-May-2022
SQ3493EV VISHAY-SQ3493EV_V02 Datasheet
345Kb / 8P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
30-Dec-2019
SQ2301ES VISHAY-SQ2301ES_V02 Datasheet
221Kb / 10P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
16-Aug-2021
SQ2351ES VISHAY-SQ2351ES_V02 Datasheet
205Kb / 9P
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
15-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com