Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH617A Datasheet (PDF) - Vishay Siliconix

SFH617A Datasheet PDF - Vishay Siliconix
Part # SFH617A
Download  SFH617A Download
File Size   498.01 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, High Reliability, 5300 VRMS

SFH617A Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH617A Datasheet PDF - Vishay Siliconix

Part # SFH617A
Download  SFH617A Click to download

File Size   498.01 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, High Reliability, 5300 VRMS

SFH617A Datasheet (HTML) - Vishay Siliconix


SFH617A Product details

Description

The SFH617A (DIP) feature a high current transfer ratio, low coupling capacitance and high isolation volt age. These couplers have a GaAs infrared diode emitter, which is optically coupled to a silicon planar phototransistor detector, and is incorporated in a plastic DIP-4 package.



Features

• Good CTR Linearity Depending on Forward Current

• Isolation Test Voltage, 5300 VRMS

• High Collector-Emitter Voltage, VCEO= 70 V

• Low Saturation Voltage

• Fast Switching Times

• Low CTR Degradation

• Temperature Stable

• Low Coupling Capacitance

• End-Stackable, .100 " (2.54 mm) Spacing

• High Common-Mode Interference Immunity

• Lead-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



 




Similar Part No. - SFH617A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH617A INFINEON-SFH617A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
logo
Vishay Siliconix
SFH617A VISHAY-SFH617A Datasheet
133Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
25-Jan-07
SFH617A VISHAY-SFH617A Datasheet
163Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
14-Jan-13
SFH617A VISHAY-SFH617A Datasheet
172Kb / 9P
Optocoupler, Phototransistor Output, High Reliability
31-Aug-15
SFH617A VISHAY-SFH617A Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
31-Aug-15
More results


Similar Description - SFH617A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AA VISHAY-SFH615AA Datasheet
194Kb / 7P
Optocoupler, High Reliability, 5300 VRMS
19-Apr-04
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
10-Jan-08
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-Mar-06
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
14-Jan-13
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-May-13
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
28-Oct-14
SFH615A VISHAY-SFH615A Datasheet
140Kb / 9P
Optocoupler, High Reliability, 5300 VRMS
20-Jul-04
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
19-Oct-15
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
27-Aug-2021
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
08-Feb-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com