Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD4243 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDD4243 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDD4243
Download  FDD4243 Download
File Size   1612.53 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement Mode MOSFET

FDD4243 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD4243 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDD4243
Download  FDD4243 Click to download

File Size   1612.53 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement Mode MOSFET

FDD4243 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDD4243 Product details

Features
Vos = -40V ID=-30 A
RDS(ON) <-32m2 @ VGs=-10V (Type: 25m2)




Similar Part No. - FDD4243

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD4243 FAIRCHILD-FDD4243 Datasheet
419Kb / 6P
40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
FDD4243 FAIRCHILD-FDD4243 Datasheet
388Kb / 6P
40V P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD4243 VBSEMI-FDD4243 Datasheet
1Mb / 9P
P-Channel 4 0 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
FDD4243 UMW-FDD4243 Datasheet
672Kb / 6P
P-Channel MOSFET
logo
BYCHIP ELECTRONICS CO.,...
FDD4243 BYCHIP-FDD4243 Datasheet
822Kb / 5P
P-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - FDD4243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com