Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8447L Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDD8447L Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDD8447L
Download  FDD8447L Download
File Size   2460.85 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 40V N-Channel MOSFET

FDD8447L Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD8447L Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDD8447L
Download  FDD8447L Click to download

File Size   2460.85 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 40V N-Channel MOSFET

FDD8447L Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDD8447L Product details

Features
* Vds=60V,ID=53A
* Rosion= 12ma@Ves=10v
* Rosion = 17m0@Ves=4.5V




Similar Part No. - FDD8447L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Inchange Semiconductor ...
FDD8447L ISC-FDD8447L Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
logo
BYCHIP ELECTRONICS CO.,...
FDD8447L BYCHIP-FDD8447L Datasheet
2Mb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
logo
ON Semiconductor
FDD8447L ONSEMI-FDD8447L Datasheet
629Kb / 8P
40V N-Channel PowerTrench® MOSFET 40V, 50A, 8.5mΩ
March 2015 Rev. 1.2
logo
Fairchild Semiconductor
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
More results


Similar Description - FDD8447L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
40V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com