Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1IVN24-AX Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PESD1IVN24-AX Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PESD1IVN24-AX
Download  PESD1IVN24-AX Download
File Size   2180.91 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Bl-directional TVS Diode

PESD1IVN24-AX Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD1IVN24-AX Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PESD1IVN24-AX
Download  PESD1IVN24-AX Click to download

File Size   2180.91 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Bl-directional TVS Diode

PESD1IVN24-AX Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PESD1IVN24-AX Product details

Features
• 180W peak pulse power(8/20 μs)
• Ultra low leakage: nA level
• Operating voltage: 24V
Low clamping voltage
• Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
- IEC61000-4-4 (EFT) 40A (5/50ns)
-IEC61000-4-5 (Lightning) 4A (8/20μs)
• RoHS Compliant




Similar Part No. - PESD1IVN24-AX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD1IVN24-A NEXPERIA-PESD1IVN24-A Datasheet
255Kb / 12P
ESD protection for In-vehicle networks
More results


Similar Description - PESD1IVN24-AX

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PSD05C TECHPUBLIC-PSD05C Datasheet
1Mb / 4P
1-Line Bl-directional TVS Diode
SD05 TECHPUBLIC-SD05 Datasheet
1Mb / 4P
Bl-directional TVS Diode
SD05C TECHPUBLIC-SD05C Datasheet
2Mb / 4P
1-Line Bl-directional TVS Diode
SD05C-01FTG TECHPUBLIC-SD05C-01FTG Datasheet
791Kb / 4P
1-Line Bl-directional TVS Diode
SD12C TECHPUBLIC-SD12C Datasheet
1Mb / 4P
Bl-directional TVS Diode
SD36C TECHPUBLIC-SD36C Datasheet
1Mb / 4P
Bl-directional TVS Diode
TPCDSOD323-T05SC TECHPUBLIC-TPCDSOD323-T05SC Datasheet
1Mb / 4P
Bl-directional TVS Diode
TPCDSOD323-T12SC TECHPUBLIC-TPCDSOD323-T12SC Datasheet
1Mb / 4P
Bl-directional TVS Diode
TPE05GHC TECHPUBLIC-TPE05GHC Datasheet
1Mb / 4P
Bl-directional TVS Diode
PESD3V3S1BA TECHPUBLIC-PESD3V3S1BA Datasheet
1Mb / 4P
Bl-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com