Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ4064EY Datasheet (PDF) - Vishay Siliconix

SQ4064EY Datasheet PDF - Vishay Siliconix
Part # SQ4064EY
Download  SQ4064EY Download
File Size   236.86 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 60 V (D-S) 175 °C MOSFET

SQ4064EY Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ4064EY Datasheet PDF - Vishay Siliconix

Part # SQ4064EY
Download  SQ4064EY Click to download

File Size   236.86 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 60 V (D-S) 175 °C MOSFET

SQ4064EY Datasheet (HTML) - Vishay Siliconix


SQ4064EY Product details

FEATURES
• TrenchFET® Power MOSFET
• AEC-Q101 qualified c
• 100 % Rg and UIS tested
• Material categorization:
for definitions of complianc




Similar Part No. - SQ4064EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4064EY VISHAY-SQ4064EY Datasheet
237Kb / 9P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
21-Jun-2021
SQ4064EY VISHAY-SQ4064EY Datasheet
237Kb / 9P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
21-Jun-2021
SQ4064EY VISHAY-SQ4064EY_V01 Datasheet
237Kb / 9P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
21-Jun-2021
More results


Similar Description - SQ4064EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
18-Jul-11
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
19-Dec-11
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
20-May-13
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
07-Sep-15
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_15 Datasheet
174Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
28-Oct-13
SQP120N06-06 VISHAY-SQP120N06-06_15 Datasheet
154Kb / 10P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
10-Aug-15
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
07-Sep-15
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
14-Nov-16
SQM60N06-15 VISHAY-SQM60N06-15_V01 Datasheet
198Kb / 11P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
17-Oct-11
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
13-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com