Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ4080EY Datasheet (PDF) - Vishay Siliconix

SQ4080EY Datasheet PDF - Vishay Siliconix
Part # SQ4080EY
Download  SQ4080EY Download
File Size   241.66 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 150 V (D-S) 175 °C MOSFET

SQ4080EY Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ4080EY Datasheet PDF - Vishay Siliconix

Part # SQ4080EY
Download  SQ4080EY Click to download

File Size   241.66 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 150 V (D-S) 175 °C MOSFET

SQ4080EY Datasheet (HTML) - Vishay Siliconix


SQ4080EY Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQ4080EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4080EY VISHAY-SQ4080EY Datasheet
191Kb / 6P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
22-Aug-16
SQ4080EY VISHAY-SQ4080EY Datasheet
242Kb / 8P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
24-Jan-2022
SQ4080EY VISHAY-SQ4080EY_V01 Datasheet
242Kb / 8P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
24-Jan-2022
More results


Similar Description - SQ4080EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM85N15 VISHAY-SQM85N15 Datasheet
745Kb / 9P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
17-Oct-11
SQD25N15-52-GE3 VISHAY-SQD25N15-52-GE3 Datasheet
158Kb / 9P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
20-Aug-12
SQD25N15 VISHAY-SQD25N15_15 Datasheet
160Kb / 10P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
20-Aug-12
SQM40N15 VISHAY-SQM40N15_15 Datasheet
163Kb / 10P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
17-Oct-11
SQM85N15 VISHAY-SQM85N15_15 Datasheet
163Kb / 10P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
17-Oct-11
SQ4080EY VISHAY-SQ4080EY Datasheet
191Kb / 6P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
22-Aug-16
SQD25N15-52 VISHAY-SQD25N15-52 Datasheet
234Kb / 11P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
02-Nov-15
SQM25N15-52 VISHAY-SQM25N15-52_V01 Datasheet
204Kb / 10P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
10-Aug-15
SQJ872EP VISHAY-SQJ872EP_V02 Datasheet
296Kb / 10P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
05-Mar-18
SQD25N15-52 VISHAY-SQD25N15-52_V02 Datasheet
216Kb / 10P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
02-Nov-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com