Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07CR Datasheet (PDF) - Bel Fuse Inc.

07CR Datasheet PDF - Bel Fuse Inc.
Part # 07CR
Download  07CR Download
File Size   134.77 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Bus Converter 48V Input / 140W Output

07CR Datasheet (PDF)

Go To PDF Page Download Datasheet
07CR Datasheet PDF - Bel Fuse Inc.

Part # 07CR
Download  07CR Click to download

File Size   134.77 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Bus Converter 48V Input / 140W Output

07CR Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 07CR

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07CR-15T BEL-07CR-15T Datasheet
125Kb / 5P
ISOLATED DC/DC CONVERTERS 48V Input 8V/15A Output, 1/8 Brick
07CR-15T08L BEL-07CR-15T08L Datasheet
125Kb / 5P
ISOLATED DC/DC CONVERTERS 48V Input 8V/15A Output, 1/8 Brick
More results


Similar Description - 07CR

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
48V Input, 3.3VDC, 30A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
48V Input, 2.0VDC, 40A Output
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
Bus Converter 48V Input / 12V Output / 20A
07CM-27S12L BEL-07CM-27S12L Datasheet
122Kb / 2P
Bus Converter 48V Input / 12V Output / 27A
07CM-36S10L BEL-07CM-36S10L Datasheet
133Kb / 3P
Bus Converter 48V Input / 9.4V Output / 36A
07CM-38S10L BEL-07CM-38S10L Datasheet
206Kb / 5P
Bus Converter 48V Input / 9.3V Output / 36.5A
07CN-70S10L BEL-07CN-70S10L Datasheet
177Kb / 2P
Bus Converter 48V Input / 9.4V Output / 70A
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com