Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHA227 Datasheet (PDF) - Kemet Corporation

PHA227 Datasheet PDF - Kemet Corporation
Part # PHA227
Download  PHA227 Download
File Size   1615.89 Kbytes
Page   8 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200

PHA227 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHA227 Datasheet PDF - Kemet Corporation

Part # PHA227
Download  PHA227 Click to download

File Size   1615.89 Kbytes
Page   8 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200

PHA227 Datasheet (HTML) - Kemet Corporation


PHA227 Product details

Overview
KEMET'S PHA227 is a conductive polymer hybrid capacitor with outstanding electrical performance. The device has a polarized all-welded design, tinned copper wire leads, and a negative pole connected to the case. The PHA227 winding is housed in a cylindrical aluminum can with a high purity aluminum lid and high-quality rubber gasket. Low ESR is conditioned by a highly conductive polymer (PEDOT/PSS) and an all-welded design. The polymer system creates an electrical pathway between the anodic oxide layer and the cathode through a mechanical separator - paper. The PHA227 winding is impregnated with liquid electrolyte that results to self-healing features of the capacitor. Thanks to its mechanical robustness, the PHA227 is suitable for use in mobile, automotive and aircraft installations with operation up to +125°C.

Benefits
• More than 4,000 hours at +125°C
• High temperature capability up to 140°C
• Extremely high ripple current
• Up to 40 ARMS. continuous load
• High vibration resistance up to 20 g 22 h/axis
• Polarized all-welded design
• Self-healing behaviours.
• Outstanding electrical performance.

Applications
KEMET'S PHA227 is a series of high performance axial hybrid capacitors. It is designed for automotive applications with extremely high demands.




Similar Part No. - PHA227

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHA227MKL3540ME4 KEMET-PHA227MKL3540ME4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHA227MKP3780ME4 KEMET-PHA227MKP3780ME4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHA227MLL3800ME4 KEMET-PHA227MLL3800ME4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHA227MLP4110ME4 KEMET-PHA227MLP4110ME4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
More results


Similar Description - PHA227

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
Kemet Corporation
PHA226MKP337RQE4 KEMET-PHA226MKP337RQE4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
A780MS107M1JLAS030 KEMET-A780MS107M1JLAS030_V01 Datasheet
2Mb / 19P
A780, 125°C, Hybrid Polymer V-Chip, AEC-Q200
1/20/2023
PHH227 KEMET-PHH227 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
A784MW157M1JLAV015 KEMET-A784MW157M1JLAV015 Datasheet
2Mb / 20P
Surface Mount Hybrid Aluminum Polymer Capacitors A784, 150°C, Hybrid Polymer V-Chip, AEC-Q200
12/6/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com