Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78K-0.5 Datasheet (PDF) - Recom International Power

R-78K-0.5 Datasheet PDF - Recom International Power
Part # R-78K-0.5
Download  R-78K-0.5 Download
File Size   1556.68 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 0.5 Amp SIP3 Single Output

R-78K-0.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
R-78K-0.5 Datasheet PDF - Recom International Power

Part # R-78K-0.5
Download  R-78K-0.5 Click to download

File Size   1556.68 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 0.5 Amp SIP3 Single Output

R-78K-0.5 Datasheet (HTML) - Recom International Power


R-78K-0.5 Product details

Description
The R-78K-0.5 series is a switching regulator module that has been designed to offer all the advantages of a switching regulator (high efficiency, wide input range, accurate output voltage regulation) but with a low cost for production quantities. Due to the R-78K-0.5’s high efficiency of up to 96%, no heat-sink is required, and full load operation from -40 to 90°C is possible. The compact TO-220 compatible SIP3 package measures only 11.5 x 7.55 x 10.2mm, so it saves precious board space.

Features
• Efficiency up to 96%, no need for heatsinks
• 4.5 - 36VDC wide input voltage
• -40°C to +90°C ambient operation without
derating
• Pin compatible with 78 series regulators
• Non isolated DC/DC converter
• Undervoltage and short circuit protection




Similar Part No. - R-78K-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78K-2.0 RECOM-R-78K-2.0 Datasheet
1Mb / 8P
2.0 Amp SIP3 Single Output
REV.: 0/2023
R-78K-2.0 RECOM-R-78K-2.0 Datasheet
1Mb / 7P
2Amp / SIP3 Single Output
Rev. 0-2023
R-78K-2.0L RECOM-R-78K-2.0L Datasheet
1Mb / 7P
2Amp / SIP3 Single Output
Rev. 0-2023
More results


Similar Description - R-78K-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
0.5 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
1.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
0.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
0.5 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
1.0 AMP SIP3 Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
0.5 AMP SIP3 Wired Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
0.5 AMP SIP3 Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com