Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM7054VC-D Datasheet (PDF) - TDK Electronics

SPM7054VC-D Datasheet PDF - TDK Electronics
Part # SPM7054VC-D
Download  SPM7054VC-D Download
File Size   180.38 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Inductors for power circuits Wound metal SPM-VC-D series (for automobiles)

SPM7054VC-D Datasheet (PDF)

Go To PDF Page Download Datasheet
SPM7054VC-D Datasheet PDF - TDK Electronics

Part # SPM7054VC-D
Download  SPM7054VC-D Click to download

File Size   180.38 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Inductors for power circuits Wound metal SPM-VC-D series (for automobiles)

SPM7054VC-D Datasheet (HTML) - TDK Electronics


SPM7054VC-D Product details

FEATURES
-Metal composite type wound inductor for power circuits using a metallic magnetic material.
-Compared to ferrite wound type inductors, low Rdc and miniaturization can be realized due to superior DC superimposition characteristics
of metallic magnetic materials.
-Vibration resistance of 30 G due to vibration resistance structure
-Operating temperature range: –55 to +155°C (including self-temperature rise)
-Compliant with AEC-Q200

APPLICATION
-Automotive-related equipment (LED, ECM, ADAS, BCM etc.)




Similar Part No. - SPM7054VC-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM7054VT-100M-D TDK-SPM7054VT-100M-D Datasheet
222Kb / 3P
SMD / SMT Inductors (Coils)
SPM7054VT-100M-D TDK-SPM7054VT-100M-D Datasheet
242Kb / 4P
Inductors for power circuits Wound metal
20200702
logo
ON Semiconductor
SPM7054VT-100M-D ONSEMI-SPM7054VT-100M-D Datasheet
284Kb / 22P
1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
July, 2024 - Rev. 1
logo
TDK Electronics
SPM7054VT-101M-D TDK-SPM7054VT-101M-D Datasheet
242Kb / 4P
Inductors for power circuits Wound metal
20200702
SPM7054VT-150M-D TDK-SPM7054VT-150M-D Datasheet
225Kb / 3P
SMD / SMT Inductors (Coils)
More results


Similar Description - SPM7054VC-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
Inductors for Power Circuits Wound Metal
SPM3020T-1R5M-LR TDK-SPM3020T-1R5M-LR Datasheet
118Kb / 9P
Inductors for Power Circuits Wound Metal
SPM7054VT-D TDK-SPM7054VT-D Datasheet
242Kb / 4P
Inductors for power circuits Wound metal
20200702
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM4020-DZ TDK-SPM4020-DZ Datasheet
171Kb / 4P
Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM5030-HZ TDK-SPM5030-HZ Datasheet
201Kb / 4P
Inductors for power circuits Wound metal SPM-HZ series (for automotive)
20210423
SPM12565CT TDK-SPM12565CT Datasheet
573Kb / 5P
Inductors for power circuits Wound metal SPM series
20220628
SPM12565VT-D TDK-SPM12565VT-D Datasheet
180Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20221024
SPM5030VT-D TDK-SPM5030VT-D Datasheet
336Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20210705
SPM6545VT-D TDK-SPM6545VT-D Datasheet
176Kb / 4P
Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20190912
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com