Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

144 Datasheet (PDF) - Aries Electronics, Inc.

144 Datasheet PDF - Aries Electronics, Inc.
Part # 144
Download  144 Download
File Size   653.84 Kbytes
Page   2 Pages
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.
Description PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid

144 Datasheet (PDF)

Go To PDF Page Download Datasheet
144 Datasheet PDF - Aries Electronics, Inc.

Part # 144
Download  144 Click to download

File Size   653.84 Kbytes
Page   2 Pages
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.
Description PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid

144 Datasheet (HTML) - Aries Electronics, Inc.


144 Product details

FEATURES
• Strong Metal Cam Activates Normally-closed Contacts, Preventing Dependency on Plastic for
Contact Force
• Handle mounted on Right- or Left-hand Side
• Any Footprint Accepted on Standard 13x13 to 21x21 Grid

GENERAL SPECIFICATIONS
• SOCKET BODY: black UL 94V-0 Polyphenylene Sulfide (PPS)
• CONTACTS: BeCu 174, 1/2-hard –OR– Spinodal
• BeCu CONTACT PLATING OPTIONS: 30μ [0.762μ] min. Au per MILG-
45204 on contact area, 200μ [5.08μ] min. matte Sn per ASTM B545-
97 on solder tail, both over 30μ [0.762μ] min. Ni per QQ-N-290 all over
• HANDLE: Stainless Steel
• CONTACT CURRENT RATING: 1 amp
• OPERATING TEMPERATURES: -85°F to 257°F [-65°C to 125°C] Au plating
• ACCEPTS LEADS: 0.014-0.026 [0.36-0.66] dia., 0.120-0.290 [3.05-7.37] long

MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.032 ±0.002 [0.81 ±0.05] dia.
• See PCB FOOTPRINT below
• Plugs into standard PGA sockets




Similar Part No. - 144

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
144-01J12L COILCRAFT-144-01J12L Datasheet
128Kb / 2P
10 mm Tunable Coils
144-01J12L COILCRAFT-144-01J12L Datasheet
233Kb / 2P
10 mm Tunable Coils ??142, 143, 144
144-01J12L COILCRAFT-144-01J12L_13 Datasheet
233Kb / 2P
10 mm Tunable Coils ??142, 143, 144
144-01J12SL COILCRAFT-144-01J12SL Datasheet
128Kb / 2P
10 mm Tunable Coils
144-01J12SL COILCRAFT-144-01J12SL Datasheet
233Kb / 2P
10 mm Tunable Coils ??142, 143, 144
More results


Similar Description - 144

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
144-PRS12X12-12 ARIES-144-PRS12X12-12 Datasheet
841Kb / 2P
ZIF PGA Test & Burn-in Socket for Any Footprint on Std 13x13 to 21x21 Grid
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
logo
Aries Electronics, Inc.
10002 ARIES-10002 Datasheet
716Kb / 1P
High-Temp Universal ZIF DIP Burn-in & Test Socket
10004HT ARIES-10004HT Datasheet
1Mb / 2P
High-Temp PGA ZIF Test & Burn-in Socket for Footprints on Std 8x8 to 21x21 Grid
logo
Abracon Corporation
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
Suitable for high temperature burn-in test
07.10.09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com